Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC9992 Datasheet(PDF) 2 Page - Motorola, Inc

Part # MPC9992
Description  3.3 DIFFRERENTIAL ECL/PECL PLL CLOCK GENERATOR
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPC9992 Datasheet(HTML) 2 Page - Motorola, Inc

  MPC9992 Datasheet HTML 1Page - Motorola, Inc MPC9992 Datasheet HTML 2Page - Motorola, Inc MPC9992 Datasheet HTML 3Page - Motorola, Inc MPC9992 Datasheet HTML 4Page - Motorola, Inc MPC9992 Datasheet HTML 5Page - Motorola, Inc MPC9992 Datasheet HTML 6Page - Motorola, Inc MPC9992 Datasheet HTML 7Page - Motorola, Inc MPC9992 Datasheet HTML 8Page - Motorola, Inc MPC9992 Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
MPC9992
MOTOROLA
TIMING SOLUTIONS
2
Figure 1. MPC9992 Logic Diagram
Figure 2. MPC9992 32–Lead Package Pinout (Top View)
QA1
QA0
VCC_PLL
QB0
QB1
QB2
25
26
27
28
29
30
31
32
15
14
13
12
11
10
9
12345678
24
23
22
21
20
19
18
17
16
MPC9992
VCC
GND
PLL_EN
QB1
QB0
MR/STOP
QA1
QB2
QA0
GND
All input resistors have a value of 50kΩ
VCC
VCC
PLL
÷2, ÷4
QSYNC
PCLK
PCLK
FSEL[1:0]
QA0
QA1
QA2
QA3
QB0
QB1
QB2
Bank A
Bank B
Sync
VCO
Ref
FB
Sync Pulse
÷16, ÷24, ÷40
MR/STOP
REF_SEL
VCO_SEL
PLL_EN
800-1600 MHz
÷2
÷4
÷4, ÷6, ÷10
QSYNC
QB0
QB1
QB2
QA0
QA1
QA2
QA3
0
1
0
1
2
0
1
XTAL_OUT
XTAL_IN
VCC
XTAL
VCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com