Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CMP82C55AZ Datasheet(PDF) 26 Page - Renesas Technology Corp

Part # CMP82C55AZ
Description  CMOS Programmable Peripheral Interface
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

CMP82C55AZ Datasheet(HTML) 26 Page - Renesas Technology Corp

Back Button CMP82C55AZ Datasheet HTML 18Page - Renesas Technology Corp CMP82C55AZ Datasheet HTML 19Page - Renesas Technology Corp CMP82C55AZ Datasheet HTML 20Page - Renesas Technology Corp CMP82C55AZ Datasheet HTML 21Page - Renesas Technology Corp CMP82C55AZ Datasheet HTML 22Page - Renesas Technology Corp CMP82C55AZ Datasheet HTML 23Page - Renesas Technology Corp CMP82C55AZ Datasheet HTML 24Page - Renesas Technology Corp CMP82C55AZ Datasheet HTML 25Page - Renesas Technology Corp CMP82C55AZ Datasheet HTML 26Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 26 / 26 page
background image
FN6140 Rev 2.00
Page 26 of 26
June 15, 2006
MS82C55A, MQ82C55A, MP82C55A
Intersil products are manufactured, assembled and tested utilizing ISO9001 quality systems as noted
in the quality certifications found at www.intersil.com/en/support/qualandreliability.html
Intersil products are sold by description only. Intersil may modify the circuit design and/or specifications of products at any time without notice, provided that such
modification does not, in Intersil's sole judgment, affect the form, fit or function of the product. Accordingly, the reader is cautioned to verify that datasheets are
current before placing orders. Information furnished by Intersil is believed to be accurate and reliable. However, no responsibility is assumed by Intersil or its
subsidiaries for its use; nor for any infringements of patents or other rights of third parties which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Intersil or its subsidiaries.
For information regarding Intersil Corporation and its products, see www.intersil.com
For additional products, see www.intersil.com/en/products.html
© Copyright Intersil Americas LLC 2005-2006. All Rights Reserved.
All trademarks and registered trademarks are the property of their respective owners.
Metric Plastic Quad Flatpack Packages (MQFP)
D
D1
E E1
-A-
PIN 1
A2 A1
A
12o-16o
12o-16o
0o-7o
0.40
0.016 MIN
L
0o MIN
PLANE
b
0.005/0.009
0.13/0.23
WITH PLATING
BASE METAL
SEATING
0.005/0.007
0.13/0.17
b1
-B-
e
0.008
0.20
A-B
S
D
S
C
M
0.076
0.003
-C-
-D-
-H-
Q44.10x10 (JEDEC MS-022AB ISSUE B)
44 LEAD METRIC PLASTIC QUAD FLATPACK PACKAGE
SYMBOL
INCHES
MILLIMETERS
NOTES
MIN
MAX
MIN
MAX
A
-
0.096
-
2.45
-
A1
0.004
0.010
0.10
0.25
-
A2
0.077
0.083
1.95
2.10
-
b
0.012
0.018
0.30
0.45
6
b1
0.012
0.016
0.30
0.40
-
D
0.515
0.524
13.08
13.32
3
D1
0.389
0.399
9.88
10.12
4, 5
E
0.516
0.523
13.10
13.30
3
E1
0.390
0.398
9.90
10.10
4, 5
L
0.029
0.040
0.73
1.03
-
N44
44
7
e
0.032 BSC
0.80 BSC
-
Rev. 2 4/99
NOTES:
1. Controlling dimension: MILLIMETER. Converted inch
dimensions are not necessarily exact.
2. All dimensions and tolerances per ANSI Y14.5M-1982.
3. Dimensions D and E to be determined at seating plane
.
4. Dimensions D1 and E1 to be determined at datum plane
.
5. Dimensions D1 and E1 do not include mold protrusion.
Allowable protrusion is 0.25mm (0.010 inch) per side.
6. Dimension b does not include dambar protrusion. Allowable
dambar protrusion shall be 0.08mm (0.003 inch) total.
7. “N” is the number of terminal positions.
-C-
-H-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com