Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MS2207 Datasheet(PDF) 1 Page - Advanced Power Technology

Part # MS2207
Description  RF & MICROWAVE TRANSISTORS L-BAND AVIONICS APPLICATIONS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADPOW [Advanced Power Technology]
Direct Link  http://www.advpowertech.com
Logo ADPOW - Advanced Power Technology

MS2207 Datasheet(HTML) 1 Page - Advanced Power Technology

  MS2207 Datasheet HTML 1Page - Advanced Power Technology MS2207 Datasheet HTML 2Page - Advanced Power Technology MS2207 Datasheet HTML 3Page - Advanced Power Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
053-7113 Rev - 11-2002
MS2207
DESCRIPTION:
DESCRIPTION:
DESCRIPTION:
DESCRIPTION:
The MS2207 is a high power NPN bipolar transistor
specifically designed for TCAS and Mode-S driver
applications. This device is designed for operation
under moderate pulse width and duty cycle pulse
conditions and is capable of withstanding 15:1 output
VSWR at rated conditions.
ABSOLUTE MAXIMUM RATINGS
ABSOLUTE MAXIMUM RATINGS
ABSOLUTE MAXIMUM RATINGS
ABSOLUTE MAXIMUM RATINGS (Tcase = 25°°°°C)
Symbol
Parameter
Value
Unit
PDISS
Power Dissipation
880
W
IC
Device Current
24
A
VCC
Collector Supply Voltage
55
V
TJ
Junction Temperature
200
°°°°C
TSTG
Storage Temperature
-65 to +200
°°°°C
Thermal Data
Thermal Data
Thermal Data
Thermal Data
RTH(J-C)
Junction-case Thermal Resistance
0.17
°°°°C/W
Features
Features
Features
Features
•
1090 MHz
•
50 VOLTS
•
15:1 VSWR CAPABILITY
•
INPUT / OUTPUT MATCHING
•
POUT = 400 WATTS
•
GP = 8.0 dB MINIMUM
•
COMMON BASE CONFIGURATION
RF & MICROWAVE TRANSISTORS
L-BAND AVIONICS APPLICATIONS


Similar Part No. - MS2207

ManufacturerPart #DatasheetDescription
logo
CIT Relay & Switch
MS2207 CIT-MS2207 Datasheet
125Kb / 1P
CIT SWITCH
logo
Eaton All Rights Reserv...
MS22073-1 EATON-MS22073-1 Datasheet
104Kb / 2P
Sub-Miniature Precision Circuit Breaker
December, 2003
MS22073-10 EATON-MS22073-10 Datasheet
104Kb / 2P
Sub-Miniature Precision Circuit Breaker
December, 2003
MS22073-10V EATON-MS22073-10V Datasheet
104Kb / 2P
Sub-Miniature Precision Circuit Breaker
December, 2003
MS22073-11-2 EATON-MS22073-11-2 Datasheet
104Kb / 2P
Sub-Miniature Precision Circuit Breaker
December, 2003
More results

Similar Description - MS2207

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AM0608-450 STMICROELECTRONICS-AM0608-450 Datasheet
82Kb / 3P
AVIONICS APPLICATIONS RF & MICROWAVE TRANSISTORS
Aug-1992
AM1011-070 STMICROELECTRONICS-AM1011-070 Datasheet
43Kb / 4P
RF & MICROWAVE TRANSISTORS L-BAND AVIONICS APPLICATIONS
Sep-1992
AM1011-075 STMICROELECTRONICS-AM1011-075 Datasheet
64Kb / 4P
L-BAND AVIONICS APPLICATIONS RF & MICROWAVE TRANSISTORS
Sep-1992
AM1011-400 STMICROELECTRONICS-AM1011-400 Datasheet
92Kb / 6P
L-BAND AVIONICS APPLICATIONS RF & MICROWAVE TRANSISTORS
Sep-1992
AM80912-015 STMICROELECTRONICS-AM80912-015 Datasheet
94Kb / 6P
AVIONICS APPLICATIONS RF & MICROWAVE TRANSISTORS
Mar-1994
AM80912-085 STMICROELECTRONICS-AM80912-085 Datasheet
66Kb / 5P
AVIONICS APPLICATIONS RF & MICROWAVE TRANSISTORS
Aug-1992
MSC1000M STMICROELECTRONICS-MSC1000M Datasheet
100Kb / 5P
AVIONICS APPLICATIONS RF & MICROWAVE TRANSISTORS
Oct-1992
MSC81325M STMICROELECTRONICS-MSC81325M Datasheet
73Kb / 3P
RF & MICROWAVE TRANSISTORS AVIONICS APPLICATIONS
Oct-1992
MSC81400M STMICROELECTRONICS-MSC81400M Datasheet
65Kb / 3P
RF & MICROWAVE TRANSISTORS AVIONICS APPLICATIONS
Oct-1992
SD1540-08 STMICROELECTRONICS-SD1540-08 Datasheet
72Kb / 5P
RF & MICROWAVE TRANSISTORS AVIONICS APPLICATIONS
Nov-1992
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com