Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MXD2020ML Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # MXD2020ML
Description  Improved, Ultra Low Noise Dual Axis Accelerometer with Digital Outputs
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MXD2020ML Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  MXD2020ML Datasheet HTML 1Page - List of Unclassifed Manufacturers MXD2020ML Datasheet HTML 2Page - List of Unclassifed Manufacturers MXD2020ML Datasheet HTML 3Page - List of Unclassifed Manufacturers MXD2020ML Datasheet HTML 4Page - List of Unclassifed Manufacturers MXD2020ML Datasheet HTML 5Page - List of Unclassifed Manufacturers MXD2020ML Datasheet HTML 6Page - List of Unclassifed Manufacturers MXD2020ML Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
MEMSIC MXD2020GL/ML/NL/HL
Page 2 of 7
2002.08.29.1
MXD2020GL/HL/ML/NL SPECIFICATIONS (Measurements @ 25°C, Acceleration = 0 g unless otherwise noted; VDD, VDA = 5.0V
unless otherwise specified)
Parameter
Conditions
Min
MXD2020G/HL
Typ
Max
Min
MXD2020M/NL
Typ
Max
Units
SENSOR INPUT
Measurement Range1
Each Axis
±1.0
±1.0
g
Nonlinearity
Best fit straight line
0.5
0.5
% of FS
Alignment Error2
X Sensor to Y Sensor
±1.0
±1.0
degrees
Transverse Sensitivity3
±2.0
±2.0
%
SENSITIVITY
Sensitivity, Digital Outputs at
pins
DOUTX and DOUTY
4 Change
Each Axis
19
20
21
19
20
21
% duty
cycle/g
over Temperature
-10
+8
-25
+8
%
ZERO g BIAS LEVEL
0 g Offset4
Each Axis
-0.1
0.0
+0.1
-0.1
0.0
+0.1
g
0 g Duty Cycle4
48
50
52
48
50
52
% duty
cycle
0 g Offset over Temperature
Based on 20%/g
±1.5
±0.03
±1.5
±0.03
mg/
°C
%/
°C
NOISE PERFORMANCE
Noise Density, rms
0.2
0.4
0.2
0.4
mg/
Hz
FREQUENCY RESPONSE
3dB Bandwidth
12
17
12
17
Hz
TEMPERATURE OUTPUT
Tout Voltage
1.21
1.25
1.29
1.21
1.25
1.29
V
Sensitivity
4.6
5.0
5.4
4.6
5.0
5.4
mV/
°K
VOLTAGE REFERENCE
VRef
@3.0V-5.0V supply
2.4
2.5
2.65
2.4
2.5
2.65
V
Change over Temperature
0.1
0.1
mV/
°C
Current Drive Capability
Source
100
100
µA
SELF TEST
Continuous Voltage at DOUTX,
DOUTY under Failure
@5.0V Supply, output
rails to
supply voltage
5.0
5.0
V
Continuous Voltage at DOUTX,
DOUTY under Failure
@3.0V Supply, output
rails to
supply voltage
3.0
3.0
V
DOUTX and DOUTY OUTPUTS
Normal Output Range
@5.0V Supply
@3.0V Supply
0.1
0.1
4.9
2.9
0.1
0.1
4.9
2.9
V
V
Current
Source or sink, @
3.0V-5.0V supply
100
100
µA
Rise/Fall Time
3.0 to 5.0V supply
90
100
110
90
100
110
nS
Turn-On Time
@5.0V Supply
@3.0V Supply
100
40
100
40
mS
mS
POWER SUPPLY
Operating Voltage Range
3.0
5.25
3.0
5.25
V
Supply Current
@ 5.0V
2.7
3.8
4.4
2.7
3.8
4.4
mA
Supply Current4
@ 3.0V
3.2
4.7
5.4
3.2
4.7
5.4
mA
TEMPERATURE RANGE
Operating Range
0
+70
-40
+105
°C
NOTES
1 Guaranteed by measurement of initial offset and sensitivity.
2 Alignment error is specified as the angle between the true and indicated axis of
sensitivity.
3 Transverse sensitivity is the algebraic sum of the alignment and the inherent
sensitivity errors.
4 The device operates over a 3.0V to 5.25V supply range. Please note that sensitivity
and zero g bias level will be slightly different at 3.0V operation. For devices to be
operated at 3.0V in production, they can be trimmed at the factory specifically for
this lower supply voltage operation, in which case the sensitivity and zero g bias
level specifications on this page will be met. Please contact the factory for specially
trimmed devices for low supply voltage operation.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com