Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PR-1335D Datasheet(PDF) 2 Page - CUI INC

Part # PR-1335D
Description  DC POWER RECEPTACLE
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

PR-1335D Datasheet(HTML) 2 Page - CUI INC

  PR-1335D Datasheet HTML 1Page - CUI INC PR-1335D Datasheet HTML 2Page - CUI INC PR-1335D Datasheet HTML 3Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
cui.com
CUI Inc
│ MODEL: PR-1335D │ DESCRIPTION: DC POWER RECEPTACLE
date 06/18/2018
│ page 2 of 3
units: mm
tolerance:
X≤1.0: ±0.1 mm
1.0<X≤6.0: ±0.2 mm
6.0<X≤12.0: ±0.3 mm
12.0<X≤25.0: ±0.4 mm
X>25.0: ±0.5 mm
unless otherwise noted
ITEM DESCRIPTION
MATERIAL
PLATING/COLOR
1
body
brass
nickel
2
insulator
PBT (UL94HB)
black
3
center pin
brass
nickel
4
terminal 2
brass
nickel
MECHANICAL DRAWING
Schematic
1
2
Model No.
PR-1335D
Center Pin
Ø1.3 mm
MATING PLUG
Jack Insertion Depth: 10 mm
For more information, please visit the product page.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com