Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

O2-E2 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # O2-E2
Description  Oxygen Sensor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

O2-E2 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  O2-E2 Datasheet HTML 1Page - List of Unclassifed Manufacturers O2-E2 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
PERFORMANCE
Output
µA @ 20.9% O
2
260 to 315
Response time
t90 (s) from 20.9% to 0% O
2
< 15
Zero current
µA in N
2
< 5
Pressure sensitivity
(% change of output)/(% change of pressure) @ 20kPa
< 0.1
Linearity
% O
2 deviation @ 30% O2
< 0.6
Hysteresis
% O
2 change after 16 cycles: 0 to 20.9% O2
< 0.2
Hand aspirator
% O
2 change during aspiration (typical)
20 to 21.5
response
LIFETIME
Output drift
% change in output @ 3 months
< 1
Operating life
months until 85% original output of 20.9% O
2
> 24
ENVIRONMENTAL
Humidity sensitivity
% O
2 change: 0% to 95% rh @ 40°C
< 0.7
CO
2 sensitivity
% change in output / % CO
2 @ 5% CO2
0.1
PHYSICAL
Diameter
mm (including label)
22.2
DIMENSIONS
Height
mm (excluding foam ring)
24.6
Weight
g
< 33
KEY
Temperature range
°C
-30 to 55
SPECIFICATIONS
Pressure range
kPa
80 to 120
Humidity range
% rh continuous (0 to 99% rh short term)
5 to 95
Storage period
months @ 3 to 20°C (store in sealed pot, unshorted
6
Load resistor
Ω (recommended)
47 to 100
O2-E2 Oxygen Sensor
Figure 1 O2-E2 Schematic Diagram
All dimensions in millimetres (± 0.1mm)
Top View
Bottom View
Side View
24.6
NOTE: all sensors are tested at ambient environmental conditions, with 47 ohm load resistor, unless otherwise stated. As applications of use are outside our control,
the information provided is given without legal responsibility. Customers should test under their own conditions, to ensure that the sensors are suitable for their own
requirements.
Alphasense Ltd, 3 Oak Industrial Park, Great Dunmow, Essex. CM6 1XN, UK
Telephone: +44 (0) 1371 878048
Fax: +44 (0) 1371 878066
E-mail: sensors@alphasense.com
Website: www.alphasense.com
S
α


Similar Part No. - O2-E2

ManufacturerPart #DatasheetDescription
logo
OEN India Limited
O2-12-1AE OENINDIA-O2-12-1AE Datasheet
78Kb / 2P
MINI AUTOMOTIVE RELAY
O2-12-1ANIL OENINDIA-O2-12-1ANIL Datasheet
78Kb / 2P
MINI AUTOMOTIVE RELAY
O2-12-1CE OENINDIA-O2-12-1CE Datasheet
78Kb / 2P
MINI AUTOMOTIVE RELAY
O2-12-1CNIL OENINDIA-O2-12-1CNIL Datasheet
78Kb / 2P
MINI AUTOMOTIVE RELAY
O2-12-1UE OENINDIA-O2-12-1UE Datasheet
78Kb / 2P
MINI AUTOMOTIVE RELAY
More results

Similar Description - O2-E2

ManufacturerPart #DatasheetDescription
logo
Sensortechnics GmbH
XYA1S SENSORTECHNICS-XYA1S Datasheet
66Kb / 4P
Oxygen sensors
ZBXYA025M0 SENSORTECHNICS-ZBXYA025M0 Datasheet
239Kb / 5P
Oxygen sensor interface boards
logo
Extech Instruments Corp...
DO600 EXTECH-DO600 Datasheet
340Kb / 11P
Dissolved Oxygen Meter
logo
Fuji Electric
EDS3-62H FUJI-EDS3-62H Datasheet
110Kb / 4P
PARAMAGNETIC OXYGEN ANALYZER
EDS3-69F FUJI-EDS3-69F Datasheet
150Kb / 4P
PARAMAGNETIC OXYGEN ANALYZER
logo
Fujikura Ltd.
FCX-MP-F-AC FUJIKURA-FCX-MP-F-AC Datasheet
154Kb / 3P
Oxygen sensor module
logo
Honeywell Accelerometer...
KGZ10-SP HONEYWELL-ACC-KGZ10-SP Datasheet
227Kb / 4P
Oxygen Sensors
logo
Figaro Engineering Inc.
KDS-25B FIGARO-KDS-25B Datasheet
292Kb / 2P
Maxell Dissolved Oxygen Sensor
SK-25F FIGARO-SK-25F Datasheet
333Kb / 2P
Figaro Oxygen Sensor
logo
Zhengzhou Winsen Electr...
ME2-O2-D20 WINSEN-ME2-O2-D20 Datasheet
523Kb / 4P
Electrochemical Oxygen Sensor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com