Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EM6580WS11 Datasheet(PDF) 35 Page - EM Microelectronic - MARIN SA

Part # EM6580WS11
Description  Ultra Low Power 8-pin Flash Microcontroller
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

EM6580WS11 Datasheet(HTML) 35 Page - EM Microelectronic - MARIN SA

Back Button EM6580WS11 Datasheet HTML 31Page - EM Microelectronic - MARIN SA EM6580WS11 Datasheet HTML 32Page - EM Microelectronic - MARIN SA EM6580WS11 Datasheet HTML 33Page - EM Microelectronic - MARIN SA EM6580WS11 Datasheet HTML 34Page - EM Microelectronic - MARIN SA EM6580WS11 Datasheet HTML 35Page - EM Microelectronic - MARIN SA EM6580WS11 Datasheet HTML 36Page - EM Microelectronic - MARIN SA EM6580WS11 Datasheet HTML 37Page - EM Microelectronic - MARIN SA EM6580WS11 Datasheet HTML 38Page - EM Microelectronic - MARIN SA EM6580WS11 Datasheet HTML 39Page - EM Microelectronic - MARIN SA Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 55 page
background image
R
EM6580
Copyright © 2007, EM Microelectronic-Marin SA
03/07, rev. J
35
www.emmicroelectronic.com
select one of 16 possible levels to check and by making max. 4 measurements at 4 different levels (if input
PA[4] is stable) we have the result with successive approximation method.
In this case PA[4] input is blocked for all other functions, because its level can be in a zone where logic ‘0’ or ‘1’
are not well defined and this would generate an over consumption otherwise. So it is dedicated only to SVLD
comparator input to be compared with internal band-gap reference. NoPullPA[4] must be set to ‘1’ - Pull-
UP/Down must be removed by register also.
In both cases if Vbat (Vdd) or PA[4] level is tested than if selected tested level lower an IRQ can be generated if
enabled.
With SVLDen bit one can switch on the band-gap, resistive divider and Comparator continuously. Like that one
can monitor Vbat or PA[4] level continuously, at higher frequency (ck[15]). Only at the beginning after setting
the SVLDen at ‘1’ one has to wait until VLDbusy drops to ‘0’ indicating that system is powered up (band-gap
reference and resistor divider are stabilized and comparator is ready to give proper result). This will increase
power consumption by typ. 4цA @ Vdd=1.5V while used.
During continuously monitoring one can change RegSVLDlev register value on fly and the new result should
be read only after about 1.5 * ck[15] to be sure it is a result of a new SVLDlev selection. Depending on CPUclk
and divisions to obtained SysClk this can be 2 / 6 / 10 / 20 / 36 instruction after RegSVLDlev change for
multiples by 1 / 2 / 4 / 8 / 16.
When fast monitoring is not necessary any more one can remove it by clearing SVLDen to ‘0’.
When SVLD logic is used for this fast monitoring IRQ can also be generated when checked level falls below its
value.
Figure 23. SVLD timing in “ADC” mode when SVLDen set @ “1”
Due to IRQSvld which can come very fast – with ck[15] there is danger that immediately after coming out from
IRQ subroutine new IRQSvld which came during that time put uC back in IRQ subroutine and software can be
stacked at this place until checked input is lower then SVLD level. Otherwise IntEn register must be cleared in
IRQ subroutine already !! or even better to use this function by reading the SVLD result only and not setting the
MaskIRQSvld.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com