Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X9241AMPIZ Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # X9241AMPIZ
Description  Quad Digital Controlled Potentionmeters (XDCP?? Non-Volatile/Low Power/2-Wire/64 Taps
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

X9241AMPIZ Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button X9241AMPIZ Datasheet HTML 6Page - Renesas Technology Corp X9241AMPIZ Datasheet HTML 7Page - Renesas Technology Corp X9241AMPIZ Datasheet HTML 8Page - Renesas Technology Corp X9241AMPIZ Datasheet HTML 9Page - Renesas Technology Corp X9241AMPIZ Datasheet HTML 10Page - Renesas Technology Corp X9241AMPIZ Datasheet HTML 11Page - Renesas Technology Corp X9241AMPIZ Datasheet HTML 12Page - Renesas Technology Corp X9241AMPIZ Datasheet HTML 13Page - Renesas Technology Corp X9241AMPIZ Datasheet HTML 14Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
X9241A
FN8164 Rev 7.00
Page 10 of 17
August 17, 2015
Absolute Maximum Ratings
Thermal Information
Supply Voltage (VCC) Limits
X9241A. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5V ±10%
Max Wiper Current for 2k RTOTAL . . . . . . . . . . . . . . . . . . . . . . ±4mA
Max Wiper Current for 10k and 50k RTOTAL . . . . . . . . . . . . . . ±3mA
Voltage on SCK, SCL or any address
input with respect to VSS . . . . . . . . . . . . . . . . . . . . . . . -1V to +7V
Voltage on any VH/RH, VW/RW or VL/RL
referenced to VSS . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +6V/-4V
V = |VH/RH - VL/RL|. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .10V
IW (10s) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . ±6mA
Power rating (each pot) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .50mW
Temperature under bias. . . . . . . . . . . . . . . . . . . . . . . . -65 to +135°C
Storage temperature . . . . . . . . . . . . . . . . . . . . . . . . . . -65 to +150°C
Pb-free reflow profile . . . . . . . . . . . . . . . . . . . . . . . . . .see link below
http://www.intersil.com/pbfree/Pb-FreeReflow.asp
Recommended Operating Conditions
Temperature (Commercial) . . . . . . . . . . . . . . . . . . . . . 0°C to +70°C
Temperature (Industrial). . . . . . . . . . . . . . . . . . . . . . .-40°C to +85°C
CAUTION: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such conditions may adversely impact product reliability and
result in failures not covered by warranty.
Analog Specifications
(Over recommended operating conditions unless otherwise stated).
SYMBOL
PARAMETER
TEST CONDITION
LIMITS
UNIT
MIN
(Note 11)
TYP
MAX
(Note 11)
RTOTAL
End to end resistance
-20
+20
%
RW
Wiper resistance
Wiper Current = (VH - VL)/RTOTAL
40
130
VTERM
Voltage on any VH/RH, VW/RW or VL/RL Pin
-3.0
+5
V
Noise
Ref: 1kHz (Note 7)
120
dBV
Resolution
(Note 7)
1.6
%
Absolute linearity (Note 3)
Rw(n)(actual) - Rw(n)(expected)
±1
MI (Note 5)
Relative linearity (Note 4)
Rw(n + 1) - [Rw(n) + MI]
±0.2
MI (Note 5)
Temperature coefficient of RTOTAL
(Note 7)
±300
ppm/°C
Ratiometric temperature coefficient
(Note 7)
±20
ppm/C
CH/CL/CW Potentiometer capacitances
See Circuit #3 and (Note 7)
15/15/25
pF
lAL
RH, RI, RW leakage current
VIN = VTERM. Device is in stand-by mode.
0.1
1
µA
DC Electrical Specifications
(Over recommended operating conditions unless otherwise stated.)
SYMBOL
PARAMETER
TEST CONDITION
LIMITS
UNIT
MIN
(Note 11)
TYP
MAX
(Note 11)
lCC
Supply current (active)
fSCL = 100kHz, Write/Read to WCR,
Other Inputs = VSS
3mA
ISB
VCC current (standby)
SCL = SDA = VCC, Addr. = VSS
200
500
µA
ILI
Input leakage current
VIN = VSS to VCC
10
µA
ILO
Output leakage current
VOUT = VSS to VCC
10
µA
VIH
Input HIGH voltage
2
V
VIL
Input LOW voltage
0.8
V
VOL
Output LOW voltage
IOL = 3mA
0.4
V
NOTES:
3. Absolute Linearity is utilized to determine actual wiper voltage versus expected voltage as determined by wiper position when used as a
potentiometer.
4. Relative Linearity is utilized to determine the actual change in voltage between two successive tap positions when used as a potentiometer. It is
a measure of the error in step size.
5. MI = RTOT/63 or (RH – RL)/63, single pot
6. Max = all four arrays cascaded together, Typical = individual array resolutions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com