Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X9313 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # X9313
Description  Digitally Controlled Potentiometer (XDCP?? Linear, 32 Taps, 3 Wire Interface, Terminal Voltages 짹 VCC
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

X9313 Datasheet(HTML) 1 Page - Renesas Technology Corp

  X9313 Datasheet HTML 1Page - Renesas Technology Corp X9313 Datasheet HTML 2Page - Renesas Technology Corp X9313 Datasheet HTML 3Page - Renesas Technology Corp X9313 Datasheet HTML 4Page - Renesas Technology Corp X9313 Datasheet HTML 5Page - Renesas Technology Corp X9313 Datasheet HTML 6Page - Renesas Technology Corp X9313 Datasheet HTML 7Page - Renesas Technology Corp X9313 Datasheet HTML 8Page - Renesas Technology Corp X9313 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
FN8177 Rev 7.00
Page 1 of 12
October 7, 2015
FN8177
Rev 7.00
October 7, 2015
X9313
Digitally Controlled Potentiometer (XDCP™) Linear, 32 Taps, 3 Wire Interface,
Terminal Voltages ± VCC
DATASHEET
The Intersil X9313 is a digitally controlled potentiometer
(XDCP). The device consists of a resistor array, wiper
switches, a control section, and nonvolatile memory. The
wiper position is controlled by a 3-wire interface.
The potentiometer is implemented by a resistor array
composed of 31 resistive elements and a wiper switching
network. Between each element and at either end are tap
points accessible to the wiper terminal. The position of the
wiper element is controlled by the CS, U/D, and INC inputs.
The position of the wiper can be stored in nonvolatile
memory and then be recalled upon a subsequent power-up
operation.
The device can be used as a three-terminal potentiometer or
as a two-terminal variable resistor in a wide variety of
applications including:
• Control
• Parameter adjustments
• Signal processing
Features
• Solid-state potentiometer
• 3-wire serial interface
• 32 wiper tap points
- Wiper position stored in nonvolatile memory and
recalled on power-up
• 31 resistive elements
- Temperature compensated
- End-to-end resistance range ±20%
- Terminal voltages, -VCC to +VCC
• Low power CMOS
-VCC = 3V or 5V
- Active current, 3mA max.
- Standby current, 500µA max.
• High reliability
- Endurance, 100,000 data changes per bit
- Register data retention, 100 years
•RTOTAL values = 1k, 10k, 50k
• Packages
- 8 Ld SOIC, 8 Ld MSOP and 8 Ld PDIP
• Pb-free available (RoHS compliant)
Block Diagram
5-BIT
NONVOLATILE
MEMORY
STORE AND
RECALL
CONTROL
CIRCUITRY
ONE OF
OUTPUTS
RESISTOR
ARRAY
RH/VH
U/D
INC
CS
TRANSFER
GATES
THIRTY-TWO
VCC
VSS
RL/VL
RW/VW
CONTROL
UP/DOWN
VCC (SUPPLY VOLTAGE)
VSS (GROUND)
RH/VH
RW/VW
RL/VL
GENERAL
DETAILED
0
1
2
28
29
30
31
(U/D)
INCREMENT
(INC)
DEVICE SELECT
(CS)
AND
MEMORY
5-BIT
UP/DOWN
COUNTER
TIME
DECODER
ACTIVE
AT A


Similar Part No. - X9313

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X9313 XICOR-X9313 Datasheet
50Kb / 10P
E2POT??Nonvolatile Digital Potentiometer
logo
Intersil Corporation
X9313 INTERSIL-X9313 Datasheet
276Kb / 11P
Terminal Voltages -5V, 32 Taps
September 9, 2005
X9313 INTERSIL-X9313 Datasheet
277Kb / 12P
Digitally Controlled Potentiometer
April 18, 2007
X9313 INTERSIL-X9313 Datasheet
284Kb / 12P
Digitally Controlled Potentiometer (XDCP??
X9313 INTERSIL-X9313 Datasheet
1Mb / 8P
DIGITAL POTENTIOMETERS
More results

Similar Description - X9313

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9313USIZT1 INTERSIL-X9313USIZT1 Datasheet
284Kb / 12P
Linear, 32 Taps, 3 Wire Interface, Terminal Voltages 짹 VCC
January 15, 2008
X9313UMIZ INTERSIL-X9313UMIZ Datasheet
305Kb / 12P
Linear, 32 Taps, 3 Wire Interface, Terminal Voltages 짹 Vcc
October 7, 2015
X9313ZSIZT1 INTERSIL-X9313ZSIZT1 Datasheet
305Kb / 12P
Linear, 32 Taps, 3 Wire Interface, Terminal Voltages ± VCC
October 7, 2015
logo
Renesas Technology Corp
ISL95311 RENESAS-ISL95311 Datasheet
588Kb / 12P
Digitally Controlled Potentiometer (XDCP??, Terminal Voltage 0V to 13.2V, 128 Taps I2C Interface
ISL95710 RENESAS-ISL95710 Datasheet
711Kb / 10P
Digitally Controlled Potentiometer (XDCP??, Terminal Voltage 짹2.7V to 짹5V, 128 Taps, Up/Down Interface
X9221A RENESAS-X9221A Datasheet
638Kb / 15P
64 Taps, 2-Wire Serial Bus Dual Digitally Controlled Potentiometer (XDCP??
X9314 RENESAS-X9314 Datasheet
443Kb / 8P
Terminal Voltages 짹5V, 32 Taps, Log Taper Single Digitally Controlled Potentiometer (XDCP??
X9315 RENESAS-X9315 Datasheet
715Kb / 16P
Low Noise, Low Power, 32 Taps Digitally Controlled Potentiometer (XDCP??
X93154 RENESAS-X93154 Datasheet
433Kb / 8P
Low Noise, Low Power, 32 Taps Digitally Controlled Potentiometer (XDCP??
X93156 RENESAS-X93156 Datasheet
403Kb / 7P
Single Digitally Controlled Potentiometer (XDCP?? Low Noise, Low Power, 3 wire Up/Down, 32 Taps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com