Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P89LPC912 Datasheet(PDF) 21 Page - NXP Semiconductors

Part # P89LPC912
Description  8-bit microcontrollers with two-clock 80C51 core 1 kB 3 V Flash with 128-byte RAM
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P89LPC912 Datasheet(HTML) 21 Page - NXP Semiconductors

Back Button P89LPC912 Datasheet HTML 17Page - NXP Semiconductors P89LPC912 Datasheet HTML 18Page - NXP Semiconductors P89LPC912 Datasheet HTML 19Page - NXP Semiconductors P89LPC912 Datasheet HTML 20Page - NXP Semiconductors P89LPC912 Datasheet HTML 21Page - NXP Semiconductors P89LPC912 Datasheet HTML 22Page - NXP Semiconductors P89LPC912 Datasheet HTML 23Page - NXP Semiconductors P89LPC912 Datasheet HTML 24Page - NXP Semiconductors P89LPC912 Datasheet HTML 25Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 63 page
background image
xxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxx x x x xxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxx xx xx
xxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxx xxxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxx x x
xxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxx
xxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxx xxx
Bit address
D7
D6
D5
D4
D3
D2
D1
D0
PSW*
Program status word
D0H
CY
AC
F0
RS1
RS0
OV
F1
P
00
00000000
PT0AD
Port 0 digital input disable
F6H
-
-
PT0AD.5
PT0AD.4
-
PT0AD.2
-
-
00
xx00000x
RSTSRC
Reset source register
DFH
-
-
BOF
POF
R_BK
R_WD
R_SF
R_EX
[3]
RTCCON
Real-time clock control
D1H
RTCF
RTCS1
RTCS0
-
-
-
ERTC
RTCEN
60[1][6] 011xxx00
RTCH
Real-time clock register high
D2H
00[6]
00000000
RTCL
Real-time clock register low
D3H
00[6]
00000000
SADDR
Serial port address register
A9H
00
00000000
SADEN
Serial port address enable
B9H
00
00000000
SBUF
Serial port data buffer register
99H
xx
xxxxxxxx
Bit address
9F
9E
9D
9C
9B
9A
99
98
SCON
Serial port control
98H
SM0/FE
SM1
SM2
REN
TB8
RB8
TI
RI
00
00000000
SSTAT
Serial port extended status
register
BAH
DBMOD
INTLO
CIDIS
DBISEL
FE
BR
OE
STINT
00
00000000
SP
Stack pointer
81H
07
00000111
SPCTL
SPI control register
E2H
SSIG
SPEN
DORD
MSTR
CPOL
CPHA
SPR1
SPR0
04
00000100
SPSTAT
SPI status register
E1H
SPIF
WCOL
-
-
-
-
-
-
00
00xxxxxx
SPDAT
SPI data register
E3H
00
00000000
Bit address
8F
8E
8D
8C
8B
8A
89
88
TCON*
Timer 0 and 1 control
88H
TF1
TR1
TF0
TR0
-
-
-
-
00
00000000
TH0
Timer 0 high
8CH
00
00000000
TH1
Timer 1 high
8DH
00
00000000
TL0
Timer 0 low
8AH
00
00000000
TL1
Timer 1 low
8BH
00
00000000
TMOD
Timer 0 and 1 mode
89H
-
-
T1M1
T1M0
T0GATE
T0C/T
T0M1
T0M0
00
00000000
TRIM
Internal oscillator trim register
96H
-
ENCLK
TRIM.5
TRIM.4
TRIM.3
TRIM.2
TRIM.1
TRIM.0
[5] [6]
WDCON
Watchdog control register
A7H
PRE2
PRE1
PRE0
-
-
WDRUN
WDTOF
WDCLK
[4] [6]
Table 8:
P89LPC913 Special function registers…continued
* indicates SFRs that are bit addressable.
Name
Description
SFR
addr.
Bit functions and addresses
Reset value
MSB
LSB
Hex
Binary



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com