Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FSB52006S Datasheet(PDF) 7 Page - ON Semiconductor

Part # FSB52006S
Description  Motion SPM 5 Series
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FSB52006S Datasheet(HTML) 7 Page - ON Semiconductor

Back Button FSB52006S Datasheet HTML 2Page - ON Semiconductor FSB52006S Datasheet HTML 3Page - ON Semiconductor FSB52006S Datasheet HTML 4Page - ON Semiconductor FSB52006S Datasheet HTML 5Page - ON Semiconductor FSB52006S Datasheet HTML 6Page - ON Semiconductor FSB52006S Datasheet HTML 7Page - ON Semiconductor FSB52006S Datasheet HTML 8Page - ON Semiconductor FSB52006S Datasheet HTML 9Page - ON Semiconductor FSB52006S Datasheet HTML 10Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
©2013 Fairchild Semiconductor Corporation
6
www.fairchildsemi.com
FSB52006S Rev. C4
Figure 4. Switching Time Definitions
Figure 5. Switching and RBSOA (Single-pulse) Test Circuit (Low-side)
Figure 6. Under-Voltage Protection (Low-Side)
Figure 7. Under-Voltage Protection (High-Side)
t
ON
t
rr
I
rr
100% of I
D
120% of I
D
(a) Turn-on
t
OFF
(b) Turn-off
I
D
V
DS
V
DS
I
D
V
IN
V
IN
10% of I
D
COM
VCC
LIN
HIN
VB
HO
VS
LO
One-leg Diagram of Motion SPM
® 5 Product
ID
VCC
RBS
REH
CBS
LVDC
+
VDS
-
UV
CCD
UV
CCR
Input Signal
UV Protection
Status
Low-side Supply, V
CC
MOSFET Current
RESET
DETECTION
RESET
UV
BSD
UV
BSR
Input Signal
UV Protection
Status
High-side Supply, V
BS
MOSFET Current
RESET
DETECTION
RESET



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com