Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16F505E/SLG Datasheet(PDF) 97 Page - Microchip Technology

Part # PIC16F505E/SLG
Description  8/14-Pin, 8-Bit Flash Microcontrollers
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F505E/SLG Datasheet(HTML) 97 Page - Microchip Technology

Back Button PIC16F505E/SLG Datasheet HTML 90Page - Microchip Technology PIC16F505E/SLG Datasheet HTML 91Page - Microchip Technology PIC16F505E/SLG Datasheet HTML 92Page - Microchip Technology PIC16F505E/SLG Datasheet HTML 93Page - Microchip Technology PIC16F505E/SLG Datasheet HTML 94Page - Microchip Technology PIC16F505E/SLG Datasheet HTML 95Page - Microchip Technology PIC16F505E/SLG Datasheet HTML 96Page - Microchip Technology PIC16F505E/SLG Datasheet HTML 97Page - Microchip Technology PIC16F505E/SLG Datasheet HTML 98Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 97 / 98 page
background image
 2004 Microchip Technology Inc.
Preliminary
DS41236A-page 95
PIC12F508/509/16F505
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office
.
PART NO.
X
/XX
XXX
Pattern
Package
Temperature
Range
Device
Device
PIC16F505
PIC12F508
PIC12F509
PIC16F505T (Tape & Reel)
PIC12F508T (Tape & Reel)
PIC12F509T (Tape & Reel)
Temperature Range
I
=
-40
°C to +85°C (Industrial)
E=
-40
°C to +125°C (Extended)
Package
PG
=
300 mil PDIP (Pb-free)
SLG
=
150 mil SOIC, 14-LD (Pb-free)
SNG
=
150 mil SOIC, 8-LD (Pb-free)
MSG
=
MSOP (Pb-free)
STG
=
TSSOP (Pb-free)
Pattern
Special Requirements
Examples:
a)
PIC16F505-I/PG = Industrial temp., PDIP
package (Pb-free)
b)
PIC16F505T-I/SLG = Industrial temp., SOIC
package (Pb-free), Tape and Reel
c)
PIC16F505T-I/SLG = Industrial temp., SOIC
package (Pb-free), Tape and Reel
d)
PIC12F508T-I/SNG = Industrial temp., 150 mil
SOIC package (Pb-free), Tape and Reel
e)
PIC12F508T-E/MSG = Extended temp., MSOP
package (Pb-free), Tape and Reel
f)
PIC12F509-E/PG = Extended temp., PDIP
package (Pb-free)
g)
PIC12F509-I/SMG = Industrial temp., 208 mil
SOIC package (Pb-free)
Note:
Tape and Reel available for only the following packages: SOIC, MSOP
and TSSOP.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com