Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PS1192HA Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # PS1192HA
Description  PHOTO TRANSISTOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

PS1192HA Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  PS1192HA Datasheet HTML 1Page - List of Unclassifed Manufacturers PS1192HA Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
PS1192HA
■
INFRARED LED
■ Radiant Illumination vs. Relative Photo Current
■ Collector Emitter Voltage vs. Photo Current
■ Ambient Temperature vs. Relative Photo Current
■ Ambient Temperature vs. Dark Current
■ Spectral Sensitivity Characteristics
■ Response Time
Radiant Illumination Ee (mW/cm2)
0.1
1
10
10-2
100
10-1
101
Ta = 25
℃
Collector Emitter Voltage Vce (V)
05
10
100
101
10-1
Ta = 25
℃
PC MAX.
Ee=10mW/cm2
Ee=1mW/cm2
Ee=3mW/cm2
Ee=5mW/cm2
Ambient Temperature Ta (˚C)
-25
0
25
50
75
100
0.1
1
10
Vce= 5V
Ambient Temperature Ta (˚C)
10-10
10-8
10-6
-25
0
25
50
75 100
10-4
Vceo= 10V
Wave Length
λ (nm)
600
800
1000
400
0
20
40
60
80
100
Ta = 25
℃
Load Resistance RL (
Ω)
101
102
103
104
100
102
101
Ta = 25
℃
Ic= 2mA
Vce= 10V
tf
tr
■ Ambient Temperature vs. Collector Dissipantion
Ambient Temperature Ta (˚C)
020
-20
40
60
80 100
0
20
40
60
80
100
■ Response Time Measuring Circuit
R
RL
Vcc
Input
Output
tr
tf
90%
10%



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com