Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X9511WPIZ Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # X9511WPIZ
Description  Single Push Button Controlled Potentiometer (XDCP?? Linear, 32 Taps, Push Button Controlled, Terminal Voltage 짹5V
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

X9511WPIZ Datasheet(HTML) 4 Page - Renesas Technology Corp

  X9511WPIZ Datasheet HTML 1Page - Renesas Technology Corp X9511WPIZ Datasheet HTML 2Page - Renesas Technology Corp X9511WPIZ Datasheet HTML 3Page - Renesas Technology Corp X9511WPIZ Datasheet HTML 4Page - Renesas Technology Corp X9511WPIZ Datasheet HTML 5Page - Renesas Technology Corp X9511WPIZ Datasheet HTML 6Page - Renesas Technology Corp X9511WPIZ Datasheet HTML 7Page - Renesas Technology Corp X9511WPIZ Datasheet HTML 8Page - Renesas Technology Corp X9511WPIZ Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
X9511
FN8205 Rev 3.00
Page 4 of 9
February 2, 2007
The wiper, when at either fixed terminal, acts like its
mechanical equivalent and does not move beyond the
last position. That is, the counter does not wrap around
when clocked to either extreme.
AUTOSTORE
The value of the counter is stored in EEPROM memory
whenever the chip senses a power-down of VCC while
ASE is enabled (held LOW). When power is restored,
the content of the memory is recalled and the counter
reset to the last value stored.
If AUTOSTORE is to be implemented, ASE is typically
hard wired to VSS. If ASE is held HIGH during power-up
and then taken LOW, the wiper will not respond to the
PU or PD inputs until ASE is brought HIGH and held
HIGH.
Manual (Push Button) Store
When ASE is not enabled (held HIGH) a push button
switch may be used to pull ASE LOW and released to
perform a manual store of the wiper position.
RTOTAL with VCC Removed
The end to end resistance of the array will fluctuate once
VCC is removed.
3
5
6
8
1
2
7
VCC
2k
VCC
PU
PD
ASE
VH
VW
VL
VSS
FIGURE 1. TYPICAL CIRCUIT WITH ASE STORE
CONTROLLED BY PUSH BUTTON SWITCH
4
3
5
8
1
2
7
VCC
VCC
PU
PD
ASE
VSS
VH
VW
VL
3.3µF
6
FIGURE 2. TYPICAL CIRCUIT WITH ASE STORE PIN USED
IN AUTOSTORE MODE



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com