Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FPF1C2P5MF07AM Datasheet(PDF) 8 Page - ON Semiconductor

Part # FPF1C2P5MF07AM
Description  F1 Module solution for PV-Application
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FPF1C2P5MF07AM Datasheet(HTML) 8 Page - ON Semiconductor

Back Button FPF1C2P5MF07AM Datasheet HTML 3Page - ON Semiconductor FPF1C2P5MF07AM Datasheet HTML 4Page - ON Semiconductor FPF1C2P5MF07AM Datasheet HTML 5Page - ON Semiconductor FPF1C2P5MF07AM Datasheet HTML 6Page - ON Semiconductor FPF1C2P5MF07AM Datasheet HTML 7Page - ON Semiconductor FPF1C2P5MF07AM Datasheet HTML 8Page - ON Semiconductor FPF1C2P5MF07AM Datasheet HTML 9Page - ON Semiconductor FPF1C2P5MF07AM Datasheet HTML 10Page - ON Semiconductor FPF1C2P5MF07AM Datasheet HTML 11Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
©2014 Fairchild Semiconductor Corporation
7
www.fairchildsemi.com
FPF1C2P5MF07AM Rev. C1
Typical Performance Characteristic (Continued)
Fig 13. Turn-Off Loss vs. Drain Current - MOSFET
Fig 14. Turn-On Loss vs. Drain Current - MOSFET
Fig 15. Transient Thermal Response Curve
- MOSFET
Fig 17. Transient Thermal Response Curve
- Rectifier Diode
0
5
10
15
20
25
30
35
0
40
80
120
160
200
* Notes:
1. with an inductive load
2. VDS = 380 V, ID = 27 A
3. VGS = 10 V
4. Rg = 10 Ω
I
D
, Drain Current
[A]
T
C = 125°C
T
C = 25°C
0
5
10
15
20
25
30
35
0.0
0.2
0.4
0.6
0.8
1.0
* Notes:
1. with an inductive load
2. VDS = 380 V, ID = 27 A
3. VGS = 10 V
4. Rg = 10 Ω
I
D
, Drain Current
[A]
T
C = 125°C
T
C = 25°C
1E-5
1E-4
1E-3
0.01
0.1
1
1E-4
1E-3
0.01
0.1
1
t
1
, Rectangular Pulse Duration [sec]
PDM
t1
t2
* Notes :
1. ZθJC(t) = 0.5 °C/W Max.
2. Duty Factor, D = t1/t2
3. TJ - TC = PDM*ZθJC(t)
0.5
0.3
0.1
0.05
0.02
0.01
0.005
Single Pulse
1E-5
1E-4
1E-3
0.01
0.1
1
1E-3
0.01
0.1
1
10
t
1
, Rectangular Pulse Duration [sec]
PDM
t1
t2
* Notes :
1. ZθJC(t) = 1.62 °C/W Max.
2. Duty Factor, D = t1/t2
3. TJ - TC = PDM*ZθJC(t)
0.5
0.3
0.1
0.05
0.02
0.01
0.005
Single Pulse
Fig 16. Typical Forward Voltage Drop vs.
Forward Current - Rectifier Diode
0.0
0.5
1.0
1.5
2.0
2.5
0
15
30
45
60
75
90
TC = 25
°C
TC = 80
°C
TC = 125
°C
V
F
, Forward Voltage [V]



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com