Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FPF1003A Datasheet(PDF) 2 Page - ON Semiconductor

Part # FPF1003A
Description  Advanced Load Management Products
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FPF1003A Datasheet(HTML) 2 Page - ON Semiconductor

  FPF1003A Datasheet HTML 1Page - ON Semiconductor FPF1003A Datasheet HTML 2Page - ON Semiconductor FPF1003A Datasheet HTML 3Page - ON Semiconductor FPF1003A Datasheet HTML 4Page - ON Semiconductor FPF1003A Datasheet HTML 5Page - ON Semiconductor FPF1003A Datasheet HTML 6Page - ON Semiconductor FPF1003A Datasheet HTML 7Page - ON Semiconductor FPF1003A Datasheet HTML 8Page - ON Semiconductor FPF1003A Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
August 2012
© 2007 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FPF1003A / FPF1004 • Rev. 1.0.6
FPF1003A / FPF1004
IntelliMAX™ Advanced Load Management Products
Features
1.2 V to 5.5 V Input Voltage Operating Range
Typical R
DS(ON):
-
30 m
Ω at VIN=5.5 V
-
35 m
Ω at VIN=3.3 V
ESD Protected: Above 8000 V HBM
ROHS Compliant
Applications
PDA’s
Cell Phones
GPS Devices
MP3 Players
Digital Cameras
Peripheral Ports
Hot Swap Supplies
Description
The FPF1003A and FPF1004 are low RDS P-channel
MOSFET load switches with controlled turn-on. The
input voltage range operates from 1.2 V to 5.5 V to fulfill
today's
ultra-portable
device
supply
requirements.
Switch control is accomplished with a logic input (ON)
capable of interfacing directly with low-voltage control
signal. In FPF1004, a 120
Ω on-chip load resistor is
added for output quick discharge when the switch is
turned off.
Both FPF1003A and FPF1004 are available in a space-
saving 1.0x1.5 mm
2 wafer-level chip-scale package.
Ordering Information
Part Number
Top Mark
Switch
Input
Buffer
Output
Discharge
ON Pin
Activity
Package
FPF1003A
Q2
30 m
Ω,
PMOS
Schmitt
NA
Active
HIGH
1.0 x 1.5 mm
2 Wafer-Level
Chip-Scale Package (WLCSP),
FPF1004
Q3
120
Ω
Active
HIGH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com