Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FPF2G120BF07AS Datasheet(PDF) 8 Page - ON Semiconductor

Part # FPF2G120BF07AS
Description  F2, 3ch Boost module PCM and NTC
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FPF2G120BF07AS Datasheet(HTML) 8 Page - ON Semiconductor

Back Button FPF2G120BF07AS Datasheet HTML 2Page - ON Semiconductor FPF2G120BF07AS Datasheet HTML 3Page - ON Semiconductor FPF2G120BF07AS Datasheet HTML 4Page - ON Semiconductor FPF2G120BF07AS Datasheet HTML 5Page - ON Semiconductor FPF2G120BF07AS Datasheet HTML 6Page - ON Semiconductor FPF2G120BF07AS Datasheet HTML 7Page - ON Semiconductor FPF2G120BF07AS Datasheet HTML 8Page - ON Semiconductor FPF2G120BF07AS Datasheet HTML 9Page - ON Semiconductor FPF2G120BF07AS Datasheet HTML 10Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
©2015 Fairchild Semiconductor Corporation
7
www.fairchildsemi.com
FPF2G120BF07ASP Rev. 1.1
Internal Circuit Diagram
Package Outlines [mm]
T1
T2
L1
G1
E1
DC-1
DC+1
L2
G2
E2
DC-2
DC+2
L3
G3
E3
DC-3
DC+3
D1
D2
D3
Q1
Q2
Q3
1.4±0.2
TOP VIEW
FRONT VIEW
SIDE VIEW
4.5 ±0.1
16.4±0.2
22.7±0.3
56.7±0.3
NOTES: UNLESS OTHERWISE SPECIFIED
A) THIS PACKAGE DOES NOT COMPLY
TO ANY CURRENT PACKAGING STANDARD
B) ALL DIMENSIONS ARE IN MILLIMETERS
C) 3CH-BOOST MODULE TYPE
51.0±0.15
2.3 X 8.5
- PIN-GRID 3.2mm
- TOLERANCE OF PCB HOLE PATTERN
4.8
8.0
20.8
24.0
1.6
4.8
8.0
11.2
0.1
4x 2.8
25.5
25.5
24.0
14.4
14.4
17.6
PCB HOLE POSITION
DC-1
DC-1
D) DRAWING FILENAME : 20BF07ASREV3
2x 9.0



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com