Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCSO1Z Datasheet(PDF) 1 Page - Golledge Electronics Ltd

Part # MCSO1Z
Description  1.8V supply voltage
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOLLEDGE [Golledge Electronics Ltd]
Direct Link  http://www.golledge.com
Logo GOLLEDGE - Golledge Electronics Ltd

MCSO1Z Datasheet(HTML) 1 Page - Golledge Electronics Ltd

  MCSO1Z Datasheet HTML 1Page - Golledge Electronics Ltd MCSO1Z Datasheet HTML 2Page - Golledge Electronics Ltd MCSO1Z Datasheet HTML 3Page - Golledge Electronics Ltd MCSO1Z Datasheet HTML 4Page - Golledge Electronics Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
MCSO1Z 1/4
v1.0
MCSO1Z
MCSO1Z
1.8V Low Frequency CMOS Oscillator
1.8V Low Frequency CMOS Oscillator
with Military -55+125°C
with Military -55+125°C
Temperature Range
Temperature Range
Military temperature range -55+125°C option
1.8V supply voltage
Excellent shock & vibration resistance
Enable / disable tristate option
Optional tinned pads (Ag/Cu/Zn)
Option Code
CONFIGURABLE OPTIONS
Parameter
Frequency
Frequency stability
Any
±100ppm
±50ppm
T
Operating temperature range
Any
0 to +70°C
A
-40 to +85°C
B
-55 to +125°C
C
Enable / disable function
Any
None (pad 1 NC)
Tristate* (control via pad 1)
E
* not available under 500kHz
Terminations
Any
Gold plated pads
Tinned pads (Ag/Cu/Zn)
T


Similar Part No. - MCSO1Z

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MCSO1 ETC1-MCSO1 Datasheet
68Kb / 1P
3.3V SM Oscillator Mil Temp
logo
Golledge Electronics Lt...
MCSO1 GOLLEDGE-MCSO1 Datasheet
60Kb / 1P
5V CMOS Oscillator Mil Temp
logo
MICORO CRYSTAL SWITZERL...
MCSO1 MICROCRYSTAL-MCSO1 Datasheet
52Kb / 2P
Miniature SMD Clock-Oscillator
logo
Golledge Electronics Lt...
MCSO1 GOLLEDGE-MCSO1 Datasheet
569Kb / 4P
5.0V CMOS Oscillator with Military - 55125째C Temperature Range
MCSO1/CE GOLLEDGE-MCSO1/CE Datasheet
142Kb / 1P
CMOS Oscillator
More results

Similar Description - MCSO1Z

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LV59018M SANYO-LV59018M Datasheet
783Kb / 7P
1.8V Constant-Voltage Power Supply IC
LV59018M SANYO-LV59018M_10 Datasheet
316Kb / 7P
1.8V Constant-Voltage Power Supply IC
logo
Texas Instruments
TPL5010 TI1-TPL5010 Datasheet
935Kb / 25P
Supply Voltage from 1.8V to 5.5V
TPL5110 TI1-TPL5110 Datasheet
935Kb / 26P
Supply Voltage from 1.8V to 5.5V
logo
Elite Semiconductor Mem...
F59D1G81A ESMT-F59D1G81A Datasheet
1Mb / 43P
Voltage Supply: 1.8V (1.7 V ~ 1.95V)
F59D2G81A ESMT-F59D2G81A Datasheet
1Mb / 56P
Voltage Supply: 1.8V (1.7V ~ 1.95V)
F59D4G81A ESMT-F59D4G81A Datasheet
1Mb / 54P
Voltage Supply: 1.8V (1.7V ~ 1.95V)
logo
List of Unclassifed Man...
PT3953 ETC2-PT3953 Datasheet
328Kb / 1P
1.8v~8.5v supply voltage
PT3956 ETC2-PT3956 Datasheet
313Kb / 1P
1.8v~8.5v supply voltage
logo
Maxim Integrated Produc...
MAX44265EVKIT MAXIM-MAX44265EVKIT Datasheet
849Kb / 7P
1.8V to 5.5V Supply Voltage Range
19-5782; Rev 0; 3/11
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com