Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SA25C020LEMLF Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # SA25C020LEMLF
Description  2Mb EEPROM with 25MHz SPI Bus Interface
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

SA25C020LEMLF Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button SA25C020LEMLF Datasheet HTML 4Page - List of Unclassifed Manufacturers SA25C020LEMLF Datasheet HTML 5Page - List of Unclassifed Manufacturers SA25C020LEMLF Datasheet HTML 6Page - List of Unclassifed Manufacturers SA25C020LEMLF Datasheet HTML 7Page - List of Unclassifed Manufacturers SA25C020LEMLF Datasheet HTML 8Page - List of Unclassifed Manufacturers SA25C020LEMLF Datasheet HTML 9Page - List of Unclassifed Manufacturers SA25C020LEMLF Datasheet HTML 10Page - List of Unclassifed Manufacturers SA25C020LEMLF Datasheet HTML 11Page - List of Unclassifed Manufacturers SA25C020LEMLF Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 31 page
background image
SA25C020 Advanced Information
SAIFUN
8
Product Specifications
Absolute Maximum Ratings
Storage Temperature
-65
°C to +150 °C
All input or output voltages with
respect to Ground
4.5 V to -0.3 V
Lead Temperature
(Soldering, 10 seconds)
+235
°C
ESD/Latch Up Specification (JEDEC 8 Spec)
Human Body Model
Minimum 4 KV
Machine Model
Minimum 500 V
Charge Device Model
Minimum 1 KV
Latch Up
100 mA on all pins +125
°C
Operating Conditions
Operating Temperature:
SA25C020
SA25C020 E
0
°C to +70 °C
-40
°C to +85 °C
Positive Power Supply:
SA25C020
2.7 V to 3.6 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com