Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC2646B Datasheet(PDF) 1 Page - Semtech Corporation

Part # SC2646B
Description  2, 3 or 4 Phase Combi-Sense PWM Controller
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC2646B Datasheet(HTML) 1 Page - Semtech Corporation

  SC2646B Datasheet HTML 1Page - Semtech Corporation SC2646B Datasheet HTML 2Page - Semtech Corporation SC2646B Datasheet HTML 3Page - Semtech Corporation SC2646B Datasheet HTML 4Page - Semtech Corporation SC2646B Datasheet HTML 5Page - Semtech Corporation SC2646B Datasheet HTML 6Page - Semtech Corporation SC2646B Datasheet HTML 7Page - Semtech Corporation SC2646B Datasheet HTML 8Page - Semtech Corporation SC2646B Datasheet HTML 9Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
1
www.semtech.com
POWER MANAGEMENT
SC2646B
2, 3 or 4 Phase
Combi-SenseTM PWM Controller
Revision: Apr. 11, 2005
Description
Applications
The SC2646B controller provides a microprocessor core
voltage regulation solution for up to 4 paralleled PWM
channels. The solution can be configured in 2, 3, or 4-
phase form. This multi-phase buck regulator utilizes
phase-shift timing control to allow interleaved switching
of the power switches. The product’s architecture mini-
mizes the core voltage ripple and the input current ripple,
which leads to optimized voltage regulator design for
power density, transient responses, and thermal
performances.
To satisfy the highly dynamic nature of the modern micro-
processors, the SC2646B adopts peak current mode
control topology which ensures wide control loop band-
width and fast transient responses. The current mode
control provides intrinsic phase current matching. The
maximum ripple frequency is greater than 2MHz.
One of the outstanding features of the SC2646B device
is its voltage regulation accuracy. Not only does it pro-
vide 0.5% set point accuracy, but also the accuracy to
be fully compliant with stringent load line slope specifi-
cations mandated by the modern microprocessors.
Lossless output current sensing ensures the regulator
output voltage is accurately positioned according to the
load current condition.
Semtech’s patented Combi-SenseTM topology is employed
by SC2646B controller. The MOSFET R
ds(on) and the out-
put inductor winding resistance is used to generate the
phase current information. Semtech’s SC1211 Combi-
SenseTM MOSFET driver works with the SC2646B to en-
able a complete solution.
The cycle-by-cycle current limit plus the intelligent over
current shut down provide the maximum versatility of
the system without false tripping under all possible
changes of VID and load conditions. The differential
voltage feedback sense eliminates the error caused by
high load current on the ground plane. External offset is
easy to achieve for the VID settings. The enable func-
tion is also provided to interface with the corresponding
system signal for correct start up timing and shut down
timing.
VRD/VRM10.X compliant
Core Voltage Set Point Accuracy 0.5%
Combi-SenseTM Current Mode Control
Intrinsic Phase Current Matching
Fast Transient Responses
Active Droop to Meet Load Line Slope
Enable Function for Power Sequencing
Cycle-by-Cycle Peak Current Limit
Intelligent Over Current Shut Down
Over Voltage Protection When Using Semtech
Combi-SenseTM Driver SC1211
Under Voltage Protection Built in
Externally Programmable Soft-Start
Externally Programmable Switching Frequency
2, 3, or 4-Phase Configurations
24-Pin TSSOP Package
Voltage Regulator VRD/VRM10.X
Voltage Regulation Modules
High Current, Low Voltage Step Down DC/DC
Converters
Features
Combi-SenseTM is a Trademark of Semtech Corporation


Similar Part No. - SC2646B

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC2646BEVB SEMTECH-SC2646BEVB Datasheet
113Kb / 9P
2, 3 or 4 Phase Combi-SenseTM PWM Controller
SC2646BTSTRT SEMTECH-SC2646BTSTRT Datasheet
113Kb / 9P
2, 3 or 4 Phase Combi-SenseTM PWM Controller
SC2646B SEMTECH-SC2646B_1 Datasheet
113Kb / 9P
2, 3 or 4 Phase Combi-SenseTM PWM Controller
More results

Similar Description - SC2646B

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC2646B SEMTECH-SC2646B_1 Datasheet
113Kb / 9P
2, 3 or 4 Phase Combi-SenseTM PWM Controller
logo
Infineon Technologies A...
ICE1CS02 INFINEON-ICE1CS02 Datasheet
444Kb / 27P
Combi PFC/ PWM Controller
Version 1.0, 25 July 2008
logo
Richtek Technology Corp...
RT8841 RICHTEK-RT8841 Datasheet
445Kb / 32P
4/3/2/1-Phase PWM Controller for High-Density Power Supply
logo
ON Semiconductor
NCP5395T ONSEMI-NCP5395T_13 Datasheet
256Kb / 25P
2/3/4-Phase Controller
July, 2013 ??Rev. 1
logo
ELMOS Semiconductor AG
E523.40 ELMOS-E523.40 Datasheet
689Kb / 15P
3-PHASE STEPPER OR BLDC MOTOR CONTROLLER WITH LIN 2.x or PWM
logo
Richtek Technology Corp...
RT8889D RICHTEK-RT8889D Datasheet
611Kb / 44P
3-Phase PWM Controller
logo
uPI Group Inc.
UP1651 UPI-UP1651 Datasheet
318Kb / 21P
1/2/3/4-Phase PWM Controller with SVID for VR12.5
UP1664 UPI-UP1664 Datasheet
408Kb / 31P
2-Phase 1-Phase PWM Controller
UP9508 UPI-UP9508 Datasheet
1Mb / 45P
3/2/12/1-Phase PWM Controller
UP9508Q UPI-UP9508Q Datasheet
706Kb / 49P
3/2/12/1-Phase PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com