Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC2646BEVB Datasheet(PDF) 5 Page - Semtech Corporation

Part # SC2646BEVB
Description  2, 3 or 4 Phase Combi-Sense PWM Controller
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC2646BEVB Datasheet(HTML) 5 Page - Semtech Corporation

  SC2646BEVB Datasheet HTML 1Page - Semtech Corporation SC2646BEVB Datasheet HTML 2Page - Semtech Corporation SC2646BEVB Datasheet HTML 3Page - Semtech Corporation SC2646BEVB Datasheet HTML 4Page - Semtech Corporation SC2646BEVB Datasheet HTML 5Page - Semtech Corporation SC2646BEVB Datasheet HTML 6Page - Semtech Corporation SC2646BEVB Datasheet HTML 7Page - Semtech Corporation SC2646BEVB Datasheet HTML 8Page - Semtech Corporation SC2646BEVB Datasheet HTML 9Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
5
© 2005 Semtech Corp.
www.semtech.com
POWER MANAGEMENT
SC2646B
Pin Configurations
Pin Descriptions
Ordering Information
#
n
i
Pe
m
a
N
n
i
Pn
o
i
t
c
n
u
F
n
i
P
13
S
Ot
u
p
n
i
e
s
n
e
s
t
n
e
r
r
u
C
22
S
O.
n
o
it
a
r
e
p
o
e
s
a
h
p
2
r
o
f
N
E
S
T
U
O
o
t
t
c
e
n
n
o
C
.
t
u
p
n
i
e
s
n
e
s
t
n
e
r
r
u
C
31
S
Ot
u
p
n
i
e
s
n
e
s
t
n
e
r
r
u
C
4T
U
O
G
B.
D
N
G
A
o
t
p
a
c
t
r
a
t
s
t
f
o
s
t
c
e
n
n
o
C
.
e
g
a
tl
o
v
e
c
n
e
r
e
f
e
r
p
a
g
d
n
a
B
5T
U
O
R
R
E
.
D
N
G
A
o
t
k
r
o
w
t
e
n
n
o
it
a
s
n
e
p
m
o
c
t
c
e
n
n
o
C
.
t
u
p
t
u
o
r
e
if
il
p
m
a
-
r
o
r
r
E
6E
S
N
E
S
G.
D
N
G
r
o
f
e
s
n
e
s
e
t
o
m
e
R
7B
F
.
t
n
i
o
p
e
s
n
e
s
U
P
C
o
t
r
i
a
p
l
a
it
n
e
r
e
f
f
i
d
s
a
e
s
n
e
s
G
d
n
a
B
F
e
t
u
o
R
.
n
i
p
k
c
a
b
d
e
e
F
8E
S
N
E
S
M.
e
s
n
e
s
t
n
e
r
r
u
c
t
u
p
t
u
o
e
l
u
d
o
m
r
o
t
a
l
u
g
e
r
e
g
a
tl
o
V
9C
C
V.
p
i
h
c
r
o
f
y
l
p
p
u
s
r
e
w
o
P
0
1]
0
:
4
[
D
I
V.
B
S
L
o
t
B
S
M
D
I
V
5
15
D
I
V.
t
i
b
V
m
5
.
2
1
6
1D
O
O
G
P.
t
u
p
t
u
o
r
o
t
c
e
ll
o
c
n
e
p
O
.
d
o
o
g
r
e
w
o
P
7
1F
E
R
C
S
O.
D
N
G
A
o
t
r
o
t
s
i
s
e
r
a
t
c
e
n
n
o
C
.
g
n
it
t
e
s
y
c
n
e
u
q
e
r
f
r
o
t
a
ll
i
c
s
O
8
1D
N
G
A.
s
l
a
n
g
i
s
g
o
l
a
n
a
r
o
f
d
n
u
o
r
g
n
a
e
l
C
9
11
T
U
O.
1
t
u
p
t
u
o
M
W
P
0
22
T
U
O.
2
t
u
p
t
u
o
M
W
P
1
23
T
U
O.
3
t
u
p
t
u
o
M
W
P
2
24
T
U
O.
n
o
it
a
r
e
p
o
e
s
a
h
p
3
r
o
f
C
C
V
o
t
t
c
e
n
n
o
C
.
4
t
u
p
t
u
o
M
W
P
3
2N
E
S
T
U
O.
e
s
n
e
s
t
u
p
t
u
o
t
c
e
r
i
D
4
24
S
O
.
n
o
it
a
r
e
p
o
e
s
a
h
p
3
r
o
2
r
o
f
N
E
S
T
U
O
o
t
t
c
e
n
n
o
C
.
t
u
p
n
i
e
s
n
e
s
t
n
e
r
r
u
C
(24-Pin TSSOP)
Top View
Note:
(1) Only available in tape and reel packaging. A reel contains 2500 devices
for the TSSOP-24 package.
(2) Lead free package.Device is fully WEEE and RoHS compliant.
r
e
b
m
u
N
t
r
a
Pe
g
a
k
c
a
PT
(
e
g
n
a
R
.
p
m
e
T
J)
T
R
T
S
T
B
6
4
6
2
C
S
)
2
(
)
1
(
4
2
-
P
O
S
S
T5
2
1
o
t
0
OC
B
V
E
B
6
4
6
2
C
Sd
r
a
o
B
n
o
i
t
a
u
l
a
v
E
d
e
d
d
e
b
m
E
12
11
6
5
4
3
1
2
10
9
8
7
13
14
19
20
21
22
24
23
15
16
17
18
VID1
VID0
OUT1
OUT2
OUT3
OUT4
OS4
OUTSEN
VID5
PGOOD
OSCREF
AGND
VID2
VID3
GSENSE
ERROUT
BGOUT
OS1
OS3
OS2
VID4
VCC
MSENSE
FB



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com