Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZL2004 Datasheet(PDF) 15 Page - Renesas Technology Corp

Part # ZL2004
Description  Adaptive Digital DC-DC Controller with Current Sharing
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZL2004 Datasheet(HTML) 15 Page - Renesas Technology Corp

Back Button ZL2004 Datasheet HTML 11Page - Renesas Technology Corp ZL2004 Datasheet HTML 12Page - Renesas Technology Corp ZL2004 Datasheet HTML 13Page - Renesas Technology Corp ZL2004 Datasheet HTML 14Page - Renesas Technology Corp ZL2004 Datasheet HTML 15Page - Renesas Technology Corp ZL2004 Datasheet HTML 16Page - Renesas Technology Corp ZL2004 Datasheet HTML 17Page - Renesas Technology Corp ZL2004 Datasheet HTML 18Page - Renesas Technology Corp ZL2004 Datasheet HTML 19Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 42 page
background image
ZL2004
FN6846 Rev. 3.00
Page 15 of 42
February 15, 2011
5.3 Start-up Procedure
The ZL2004 follows a specific internal start-up
procedure after power is applied to the VDD pin. Table
10 describes the start-up sequence.
If the device is to be synchronized to an external clock
source, the clock frequency must be stable prior to
asserting
the
EN
pin.
The
device
requires
approximately 5-10 ms to check for specific values
stored in its internal memory. If the user has stored
values in memory, those values will be loaded. The
device will then check the status of all multi-mode pins
and load the values associated with the pin settings.
Once this process is completed, the device is ready to
accept commands via the I
2C/SMBus interface and the
device is ready to be enabled. Once enabled, the device
requires approximately 2 ms before its output voltage
may be allowed to start its ramp-up process. If a soft-
start delay period less than 2 ms has been configured
(using PMBus commands), the device will default to a
2 ms delay period (with an accuracy of approx ±0.25
ms). If a delay period greater than 2 ms is configured,
the device will wait for the configured delay period
prior to starting to ramp its output.
After the delay period has expired, the output will
begin to ramp towards its target voltage according to
the pre-configured soft-start ramp time that has been
set using the SS pin.
5.4 Soft Start Delay and Ramp Times
Soft Start Delay and Ramp Times
In some applications, it may be necessary to set a delay
from when an enable signal is received until the output
voltage starts to ramp to its target value. In addition,
the designer may wish to precisely set the time
required for VOUT to ramp to its target value after the
delay period has expired. These features may be used
as part of an overall inrush current management
strategy or to precisely control how fast a load IC is
turned on. The ZL2004 gives the system designer
several
options
for
precisely
and
independently
controlling both the delay and ramp time periods.
The soft-start delay period begins when the EN pin is
asserted and ends when the delay time expires. The
soft-start delay period is set using the SS pin.
The soft-start ramp timer enables a precisely controlled
ramp to the nominal VOUT value that begins once the
delay period has expired. The ramp-up is guaranteed
monotonic and its slope may be precisely set using the
SS pin.
The soft start delay and ramp times can be set to
standard values according to Table 11.
Table 10. ZL2004 Start-up Sequence
Step #
Step Name
Description
Time Duration
1
Power Applied
Input voltage is applied to the ZL2004’s VDD pin
Depends on input supply
ramp time
2
Internal Memory
Check
The device will check for values stored in its internal
memory. This step is also performed after a Restore
command.
Approx 5-10 ms (device
will ignore an enable signal
or PMBus traffic during this
period)
3
Multi-mode Pin
Check
The device loads values configured by the multi-
mode pins.
4
Device Ready
The device is ready to accept an enable signal.
5
Pre-ramp Delay
The device requires approximately 2 ms following an
enable signal and prior to ramping its output.
Additional pre-ramp delay may be configured using
the Delay pins.
Approximately 2 ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com