Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SDP55N02 Datasheet(PDF) 2 Page - SamHop Microelectronics Corp.

Part # SDP55N02
Description  N-Channel E nhancement Mode Field E ffect Transistor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMHOP [SamHop Microelectronics Corp.]
Direct Link  http://www.samhop.com.tw
Logo SAMHOP - SamHop Microelectronics Corp.

SDP55N02 Datasheet(HTML) 2 Page - SamHop Microelectronics Corp.

  SDP55N02 Datasheet HTML 1Page - SamHop Microelectronics Corp. SDP55N02 Datasheet HTML 2Page - SamHop Microelectronics Corp. SDP55N02 Datasheet HTML 3Page - SamHop Microelectronics Corp. SDP55N02 Datasheet HTML 4Page - SamHop Microelectronics Corp. SDP55N02 Datasheet HTML 5Page - SamHop Microelectronics Corp. SDP55N02 Datasheet HTML 6Page - SamHop Microelectronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
E LE CTR ICAL CHAR ACTE R IS TICS (TC 25 C unless otherwise noted)
=
Parameter
Symbol
Condition
Min Typ Max Unit
OFF CHAR ACTER ISTICS
Drain-Source Breakdown Voltage
BVDSS
=
VGS 0V, ID 250uA
=
20
V
Zero Gate Voltage Drain Current
IDSS
VDS 16V, VGS 0V
=
=
10
uA
Gate-Body Leakage
IGSS
VGS 8V, VDS 0V
=
=
100 nA
ON CHAR ACTER ISTICS a
Gate Threshold Voltage
VGS(th)
VDS VGS, ID = 250uA
=
1
V
Drain-Source On-State R esistance
R DS(ON)
VGS = 4.5V, ID = 21A
19
On-State Drain Current
ID(ON)
VDS = 10V, VGS = 10V
40
53
A
S
Forward Transconductance
FS
g
VDS = 10V, ID = 26A
DYNAMIC CHAR ACTER ISTICS
b
Input Capacitance
CISS
CRSS
COSS
Output Capacitance
R everse Transfer Capacitance
VDS =15V, VGS = 0V
f =1.0MHZ
1100
P
F
600
P
F
P
F
180
SWITCHING CHAR ACTER ISTICS
b
Turn-On Delay Time
R ise Time
Turn-Off Delay Time
tD(ON)
tr
tD(OFF)
tf
VDD = 10V,
ID = 1A,
VGS = 10V
R GEN = 6
50
ns
ns
ns
ns
200
89
Total Gate Charge
Gate-Source Charge
Gate-Drain Charge
Qg
Qgs
Qgd
VDS =10V, ID = 30A,
VGS =4.5V
nC
nC
nC
C
Fall Time
4
18.2
5.3
2.2
2
14
S DP /B 55N02
0.9
1.5
62.5
m ohm
ohm



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com