Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZL2005P Datasheet(PDF) 28 Page - Renesas Technology Corp

Part # ZL2005P
Description  Digital-DC??Controller with Drivers and POLA/DOSA Trim
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZL2005P Datasheet(HTML) 28 Page - Renesas Technology Corp

Back Button ZL2005P Datasheet HTML 24Page - Renesas Technology Corp ZL2005P Datasheet HTML 25Page - Renesas Technology Corp ZL2005P Datasheet HTML 26Page - Renesas Technology Corp ZL2005P Datasheet HTML 27Page - Renesas Technology Corp ZL2005P Datasheet HTML 28Page - Renesas Technology Corp ZL2005P Datasheet HTML 29Page - Renesas Technology Corp ZL2005P Datasheet HTML 30Page - Renesas Technology Corp ZL2005P Datasheet HTML 31Page - Renesas Technology Corp ZL2005P Datasheet HTML 32Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 41 page
background image
ZL2005P
FN6849 Rev 3.00
Page 28 of 41
December 16, 2011
The current limit threshold can be set via the I2C/SMBus
interface. Please refer to Application Note AN2013 for
further details on setting current limit parameters.
5.10 Loop Compensation
The ZL2005P operates as a voltage-mode synchronous
buck controller with a fixed frequency PWM scheme.
Although the ZL2005P uses a digital control loop, it
operates much like a traditional analog PWM controller.
See Figure 19 for a simplified block diagram of the
ZL2005P control loop, which differs from an analog
control loop by the constants in the PWM and compen-
sation blocks. As in the analog controller case, the com-
pensation block compares the output voltage to the
desired voltage reference and compensation zeros are
added to keep the loop stable. The resulting integrated
error signal is used to drive the PWM logic, converting
the error signal into a duty cycle value to drive the exter-
nal MOSFETs.
Figure 19. Control Loop Block Diagram
In the ZL2005P, the compensation zeros are set by con-
figuring the FC0 pin or via the I2C/SMBus interface
once the user has calculated the required settings. Most
applications can be served by using the pin-strap com-
pensation settings listed in Table 24. These settings will
yield a conservative crossover frequency. The parame-
ters of the feedback compensation can also be set using
the I2C/SMBus interface. A sofware (CompZLTM) is
also available from Zilker Labs to calculate automati-
cally the compensation parameters.
FC1 pin is not used in the ZL2005P.
Table 24. Pin-Strap Setting for Loop
Compensation
5.11 Non-Linear Response Settings
The ZL2005P incorporates a non-linear response (NLR)
loop that decreases the response time and the output
voltage deviation in the event of a sudden output load
current step. The NLR loop incorporates a secondary
error signal processing path that bypasses the primary
error loop when the output begins to transition outside of
the standard regulation limits. This scheme results in a
higher equivalent loop bandwidth than is possible using
a traditional linear loop.
When a load current step function imposed on the output
causes the output voltage to drop below the lower regu-
lation limit, the NLR circuitry will force a positive cor-
rection signal that will turn on the upper MOSFET and
quickly force the output to increase. A negative load step
will cause the NLR circuitry to force a negative correc-
tion signal that will turn on the lower MOSFET and
quickly force the output to decrease.
5.12 Efficiency Optimized Driver Dead-time
Control
The ZL2005P utilizes a closed loop algorithm to opti-
mize the dead-time applied between the gate drive sig-
nals for the top and bottom FETs. In a synchronous buck
converter, the MOSFET drive circuitry must be designed
such that the top and bottom MOSFETs are never in the
conducting state at the same time. (Potentially damaging
currents flow in the circuit if both top and bottom MOS-
FETs are simultaneously on for periods of time exceed-
ing a few nanoseconds.) Conversely, long periods of
time in which both MOSFETs are off reduce overall cir-
cuit efficiency by allowing current to flow in their para-
sitic body diodes.
30 mV
17.8 k
85 mV
51.1 k
35 mV
19.6 k
90 mV
56.2 k
40 mV
21.5 k
95 mV
61.9 k
45 mV
23.7 k
100 mV
68.1 k
50 mV
26.1 k
Table 23. Current Limit Threshold Voltage
Settings
D
1-D
VIN
VOUT
L
C
DPWM
RC
Compensation
RO
FC0 Pin
Description
HIGH
High Q, Low Bandwidth
OPEN
Real zeros, High Bandwidth
LOW
Low Q, Low Bandwidth



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com