Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZL2103 Datasheet(PDF) 11 Page - Renesas Technology Corp

Part # ZL2103
Description  3A Digital-DC Synchronous Step-Down DC/DC Converter
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZL2103 Datasheet(HTML) 11 Page - Renesas Technology Corp

Back Button ZL2103 Datasheet HTML 7Page - Renesas Technology Corp ZL2103 Datasheet HTML 8Page - Renesas Technology Corp ZL2103 Datasheet HTML 9Page - Renesas Technology Corp ZL2103 Datasheet HTML 10Page - Renesas Technology Corp ZL2103 Datasheet HTML 11Page - Renesas Technology Corp ZL2103 Datasheet HTML 12Page - Renesas Technology Corp ZL2103 Datasheet HTML 13Page - Renesas Technology Corp ZL2103 Datasheet HTML 14Page - Renesas Technology Corp ZL2103 Datasheet HTML 15Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
ZL2103
FN6966 Rev 5.00
Page 11 of 28
May 3, 2011
The ZL2103 integrates two N-channel power MOSFETs; QH is the
top control MOSFET and QL is the bottom synchronous MOSFET.
The amount of time that QH is on as a fraction of the total
switching period is known as the duty cycle D, which is described
by Equation 1:
During time D, QH is on and VIN – VOUT is applied across the
inductor. The output current ramps up as shown in Figure 11.
When QH turns off (time 1-D), the current flowing in the inductor
must continue to flow from the ground up through QL, during which
the current ramps down. Since the output capacitor COUT exhibits
low impedance at the switching frequency, the AC component of the
inductor current is filtered from the output voltage so the load sees
nearly a DC voltage.
The maximum conversion ratio is shown in Figure 9. Typically,
buck converters specify a maximum duty cycle that effectively
limits the maximum output voltage that can be realized for a
given input voltage and switching frequency. This duty cycle limit
ensures that the low-side MOSFET is allowed to turn on for a
minimum amount of time during each switching cycle, which
enables the bootstrap capacitor to be charged up and provide
adequate gate drive voltage for the high-side MOSFET.
DIGITAL
COMPENSATOR
INPUT VOLTAGE BUS
VOUT
BST
DIGITAL
COMPENSATOR
D-PWM
+
-
VSEN
RESET
SYNC
PLL
POWER MANAGEMENT
TEMP
SENSOR
MUX
EN
VSET
PG
SA
CFG
SW
VDD
COMMUNICATION
REF
SYNC
GEN
VTRK
SCL
SDA
SALRT
>
>
ADC
ADC
ADC
FC
LDO
ISENSE
HS FET
DRIVER
SS
ISENSE
DDC
MGN
NVM
LS FET
DRIVER
DIGITAL
COMPENSATOR
INPUT VOLTAGE BUS
VOUT
BST
DIGITAL
COMPENSATOR
D-PWM
+
-
VSEN
RESET
SYNC
PLL
POWER MANAGEMENT
TEMP
SENSOR
MUX
EN
VSET
PG
SA
CFG
SW
VDD
COMMUNICATION
REF
SYNC
GEN
VTRK
SCL
SDA
SALRT
>
>
ADC
ADC
ADC
FC
LDO
ISENSE
HS FET
DRIVER
SS
ISENSE
DDC
MGN
NVM
LS FET
DRIVER
FIGURE 10. ZL2103 BLOCK DIAGRAM
IN
OUT
V
V
D
(EQ. 1)
Time
VIN -VOUT
0
-VOUT
1 - D
IO
ILPK
ILV
D
FIGURE 11. INDUCTOR WAVEFORM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com