Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZL2103ALAFT Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # ZL2103ALAFT
Description  3A Digital-DC Synchronous Step-Down DC/DC Converter
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZL2103ALAFT Datasheet(HTML) 3 Page - Renesas Technology Corp

  ZL2103ALAFT Datasheet HTML 1Page - Renesas Technology Corp ZL2103ALAFT Datasheet HTML 2Page - Renesas Technology Corp ZL2103ALAFT Datasheet HTML 3Page - Renesas Technology Corp ZL2103ALAFT Datasheet HTML 4Page - Renesas Technology Corp ZL2103ALAFT Datasheet HTML 5Page - Renesas Technology Corp ZL2103ALAFT Datasheet HTML 6Page - Renesas Technology Corp ZL2103ALAFT Datasheet HTML 7Page - Renesas Technology Corp ZL2103ALAFT Datasheet HTML 8Page - Renesas Technology Corp ZL2103ALAFT Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
ZL2103
FN6966 Rev 5.00
Page 3 of 28
May 3, 2011
Pin Configuration
ZL2103
(36 LD QFN)
TOP VIEW
VSET
SA
SCL
SDA
SALRT
FC
PG
SYNC
DGND
ZL2103
36-Pin QFN
6 x 6 mm
SW
SW
SW
SW
SW
PGND
VDDP
SW
BST
Exposed Paddle
Connect to SGND
1
2
3
4
5
6
7
8
9
27
26
25
24
23
22
21
20
19
FIGURE 4.
Pin Descriptions
PIN
LABEL
TYPE
(Note 1)
DESCRIPTION
1
PG
O
Power-good. This pin transitions high 100ms after output voltage stabilizes within regulation band.
Selectable open drain or push-pull output. Factory default is open drain.
2
DGND
PWR
Digital ground. Common return for digital signals. Connect to low impedance ground plane.
3SYNC
I/O, M
(Note 2)
Clock synchronization pin. Used to set switching frequency of internal clock or for synchronization to
external frequency reference.
4
VSET
I, M
Output voltage select pin. Used to set VOUT set-point and VOUT max.
5
SA
I, M
Serial address select pin. Used to assign unique SMBus address to each IC.
6
SCL
I/O
Serial clock. Connect to external host interface.
7
SDA
I/O
Serial data. Connect to external host interface.
8
SALRT
O
Serial alert. Connect to external host interface if desired.
9
FC
I, M
Loop compensation select pin. Used to set loop compensation.
10
CFG
I, M
Configuration pin. Used to control the SYNC pin, sequencing and enable tracking.
11
SS
I, M
Soft-start pin. Used to set the ramp delay and ramp time, sets UVLO and configure tracking.
12
VTRK
I
Track sense pin. Used to track an external voltage source.
13
VSEN
I
Output voltage positive feedback sensing pin.
14
SGND
PWR
Common return for analog signals. Connect to low impedance ground plane.
15, 16, 17,
18, 19
PGND
PWR
Power ground. Common return for internal switching MOSFETs. Connect to low impedance ground plane.
20, 21, 22,
23, 24, 25
SW
I/O
Switching node (level-shift common).
26
BST
PWR
Bootstrap voltage for level-shift driver (referenced to SW).
27, 28, 29
VDDP
PWR
Bias supply voltage for internal switching MOSFETs (return is PGND).
30
VDDS
PWR
IC supply voltage (return is SGND).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com