Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZL9010MEVAL1Z Datasheet(PDF) 33 Page - Renesas Technology Corp

Part # ZL9010MEVAL1Z
Description  Digital DC/DC PMBus 10A Power Module
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZL9010MEVAL1Z Datasheet(HTML) 33 Page - Renesas Technology Corp

Back Button ZL9010MEVAL1Z Datasheet HTML 29Page - Renesas Technology Corp ZL9010MEVAL1Z Datasheet HTML 30Page - Renesas Technology Corp ZL9010MEVAL1Z Datasheet HTML 31Page - Renesas Technology Corp ZL9010MEVAL1Z Datasheet HTML 32Page - Renesas Technology Corp ZL9010MEVAL1Z Datasheet HTML 33Page - Renesas Technology Corp ZL9010MEVAL1Z Datasheet HTML 34Page - Renesas Technology Corp ZL9010MEVAL1Z Datasheet HTML 35Page - Renesas Technology Corp ZL9010MEVAL1Z Datasheet HTML 36Page - Renesas Technology Corp ZL9010MEVAL1Z Datasheet HTML 37Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 72 page
background image
ZL9010M
FN8422 Rev 3.00
Page 33 of 72
March 16, 2016
PMBus™ Data Formats
Linear-11 (L11)
L11 data format uses 5-bit two’s compliment exponent (N) and 11-bit two’s compliment mantissa (Y) to represent real world decimal
value (X).
Relation between real world decimal value (X), N and Y is: X = Y·2N
Linear-16 Unsigned (L16u)
L16u data format uses a fixed exponent (hard-coded to N = -13h) and a 16-bit unsigned integer mantissa (Y) to represent real world
decimal value (X). Relation between real world decimal value (X), N and Y is: X = Y·2-13
Linear-16 Signed (L16s)
L16s data format uses a fixed exponent (hard-coded to N = -13h) and a 16-bit two’s compliment mantissa (Y) to represent real world
decimal value (X).
Relation between real world decimal value (X), N and Y is: X = Y·2-13
Bit Field (BIT)
Break down of Bit Field is provided in “PMBus Command Summary” on page 29.
Custom (CUS)
Break down of Custom data format is provided in“PMBus Command Summary” on page 29. A combination of Bit Field and integer are
common types of Custom data format.
ASCII (ASC)
A variable length string of text characters uses ASCII data format.
F4h
RESTORE_FACTORY
Restores device to the factory
default values.
SEND BYTE
page 65
FAh
SECURITY_LEVEL
Reports the security level.
READ BYTE
HEX
1
Public
security level
page 65
FBh
PRIVATE_PASSWORD
Sets the private password string.
R/W BLOCK
ASC
000..00h
page 67
FCh
PUBLIC_PASSWORD
Sets the public password string.
R/W BLOCK
ASC
00...00h
page 67
FDh
UNPROTECT
Identifies which commands are
protected.
R/W BLOCK
CUS
FF...FFh
page 67
PMBus Command Summary (Continued)
COMMAND
CODE
COMMAND
NAME
DESCRIPTION
TYPE
DATA
FORMAT
DEFAULT
VALUE
DEFAULT
SETTING
PAGE
Data Byte High
Data Byte Low
Exponent (N)Mantissa (Y)
76543210
76 543 21 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com