Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD62011FS Datasheet(PDF) 1 Page - Rohm

Part # BD62011FS
Description  3-Phase Brushless Fan Motor Controller
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD62011FS Datasheet(HTML) 1 Page - Rohm

  BD62011FS Datasheet HTML 1Page - Rohm BD62011FS Datasheet HTML 2Page - Rohm BD62011FS Datasheet HTML 3Page - Rohm BD62011FS Datasheet HTML 4Page - Rohm BD62011FS Datasheet HTML 5Page - Rohm BD62011FS Datasheet HTML 6Page - Rohm BD62011FS Datasheet HTML 7Page - Rohm BD62011FS Datasheet HTML 8Page - Rohm BD62011FS Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
Product structure : Silicon monolithic integrated circuit This product is not designed protection against radioactive rays
.
1/20
TSZ02201-0828ABB00040-1-2
© 2013 ROHM Co., Ltd. All rights reserved.
01.OCT.2014 Rev.004
TSZ22111 · 14 · 001
http://www.rohm.com
For air-conditioner fan motor
3-Phase Brushless Fan Motor
Controller
BD62011FS
 General Description
This controller synthesizes the optimal driving signal
from hall sensor signals, and outputs the synthesized
signal to control the external level shifter and power
transistor. The replacement is also easy because of its
pin compatibility with BD62012FS and BD62014FS. This
controller provides optimum motor drive for a wide
variety
of
applications,
and
enables
motor
unit
standardization.
 Features
180° sinusoidal commutation logic
PWM control (Upper and lower arm switching)
Phase control supported from 0° to +40° at 1°
intervals
Rotational direction switch
FG signal output with pulse number switch (4 or 12)
VREG output (5V/30mA)
Protection circuits provided: OCP, UVLO, TSD, MLP
and the external fault input (FIB)
 Applications
Air conditioners; air cleaners; water pumps;
dishwashers; washing machines
General OA equipment
 Key Specifications
Supply voltage range:
10V to 18V
Duty control voltage range:
2.1V to 5.4V
Phase control range:
0° to 40°
Operating temperature:
-40°C to 110°
Power dissipation:
1.0W
 Package
W (Typ.) x D (Typ.) x H (Max.)
SSOP-A24
10.00 mm x 7.80 mm x 2.10 mm
 Typical Application Circuit
Figure 1. Application circuit example - BD62011FS & BM6202FS
SSOP-A24
R8
R9
VREG
VREG
C5
HU
HV
HW
VSP
FG
DTR
VCC
GND
M
VDC
BD62011FS
BM6202FS
R1
R2
R3
R4
R5
R6
R7
Q1
C1
C2~C4
C6
C7
C8
C9
C10
C11
C12
C13
D1
C14


Similar Part No. - BD62011FS

ManufacturerPart #DatasheetDescription
logo
Rohm
BD62011AFS ROHM-BD62011AFS Datasheet
901Kb / 24P
3-Phase Brushless Fan Motor Controller
BD62011AFS-E2 ROHM-BD62011AFS-E2 Datasheet
901Kb / 24P
3-Phase Brushless Fan Motor Controller
More results

Similar Description - BD62011FS

ManufacturerPart #DatasheetDescription
logo
Rohm
BD62011AFS ROHM-BD62011AFS Datasheet
901Kb / 24P
3-Phase Brushless Fan Motor Controller
BD62012AFS ROHM-BD62012AFS Datasheet
895Kb / 24P
3-Phase Brushless Fan Motor Controller
BD62013AFS ROHM-BD62013AFS Datasheet
897Kb / 24P
3-Phase Brushless Fan Motor Controller
BD62014AFS ROHM-BD62014AFS Datasheet
900Kb / 24P
3-Phase Brushless Fan Motor Controller
BD62012FS ROHM-BD62012FS Datasheet
601Kb / 23P
3-Phase Brushless Fan Motor Controller
BD62014FS ROHM-BD62014FS Datasheet
640Kb / 23P
3-Phase Brushless Fan Motor Controller
BD62017AFS ROHM-BD62017AFS Datasheet
2Mb / 28P
3-Phase Brushless Fan Motor Controller
BD62018AFS ROHM-BD62018AFS Datasheet
2Mb / 28P
3-Phase Brushless Fan Motor Controller
BD62018BFS ROHM-BD62018BFS Datasheet
1Mb / 27P
For Air-Conditioner Fan Motor 3-Phase Brushless Fan Motor Controller
21.Jan.2022 Rev.001
BD62012BFS ROHM-BD62012BFS Datasheet
1Mb / 27P
3-Phase Brushless Fan Motor Controller
21.Jan.2022 Rev.001
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com