Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

78D05G-TNA-R Datasheet(PDF) 5 Page - Unisonic Technologies

Part # 78D05G-TNA-R
Description  3-TERMINALS 0.5A POSITIVE VOLTAGE REGULATOR
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

78D05G-TNA-R Datasheet(HTML) 5 Page - Unisonic Technologies

  78D05G-TNA-R Datasheet HTML 1Page - Unisonic Technologies 78D05G-TNA-R Datasheet HTML 2Page - Unisonic Technologies 78D05G-TNA-R Datasheet HTML 3Page - Unisonic Technologies 78D05G-TNA-R Datasheet HTML 4Page - Unisonic Technologies 78D05G-TNA-R Datasheet HTML 5Page - Unisonic Technologies 78D05G-TNA-R Datasheet HTML 6Page - Unisonic Technologies 78D05G-TNA-R Datasheet HTML 7Page - Unisonic Technologies 78D05G-TNA-R Datasheet HTML 8Page - Unisonic Technologies 78D05G-TNA-R Datasheet HTML 9Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
78DXX
LINEAR INTEGRATED CIRCUIT
UNISONIC TECHNOLOGIES CO., LTD
5 of 9
www.unisonic.com.tw
QW-R101-005.AA
ELECT RI CAL CH ARACT ERI ST I CS (Cont .)
For 78D06
(VIN=11V, IOUT=0.5A)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
IOUT=5mA~0.5A
5.76
6
6.24
V
Output Voltage
VOUT
VIN=8.5~21V,IOUT=5mA~0.5A
5.7
6.3
V
IOUT=5mA~0.5A
60
mV
Load Regulation
∆VOUT
IOUT=5mA~200mA
30
mV
VIN=8~25V
60
mV
Line Regulation
∆VOUT
VIN=8.5~21V, IOUT=0.5A
60
mV
Quiescent Current
IQ
IOUT=0.5A
8
mA
VIN =8.5~21V
1
mA
Quiescent Current Change
∆IQ
IOUT=5mA~0.5A
0.5
mA
Output Noise Voltage
eN
10Hz
≤f≤100kHz
45
μV
Temperature coefficient of VOUT
∆VOUT/∆TIOUT=5mA
-0.7
mV/°C
Ripple Rejection
RR
VIN =9~19V,f=120Hz
59
75
dB
Peak Output Current
IPEAK
1.2
A
Short-Circuit Current
ISC
VIN=VOUT+19V
250
mA
Dropout Voltage
VD
2
V
For 78D07
(VIN=13V, IOUT=0.5A)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
IOUT=5mA~0.5A
6.72
7
7.28
V
Output Voltage
VOUT
VIN=9.5~22V,IOUT=5mA~0.5A
6.65
7.35
V
IOUT=5mA~0.5A
70
mV
Load Regulation
∆VOUT
IOUT=5mA~200mA
35
mV
VIN=10.5~25V
70
mV
Line Regulation
∆VOUT
VIN=10.5~23V, IOUT=0.5A
70
mV
Quiescent Current
IQ
IOUT=0.5A
8
mA
VIN =10.5~23V
1
mA
Quiescent Current Change
∆IQ
IOUT=5mA~0.5A
0.5
mA
Output Noise Voltage
eN
10Hz
≤f≤100kHz
50
μV
Temperature coefficient of VOUT
∆VOUT/∆TIOUT=5mA
-0.8
mV/°C
Ripple Rejection
RR
VIN =11.5~21.5V,f=120Hz
59
75
dB
Peak Output Current
IPEAK
1.2
A
Short-Circuit Current
ISC
VIN=VOUT+19V
250
mA
Dropout Voltage
VD
2
V
For 78D08
(VIN=14V, IOUT=0.5A)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
IOUT=5mA~0.5A
7.68
8
8.32
V
Output Voltage
VOUT
VIN=10.5~23V, IOUT=5mA~0.5A
7.6
8.4
V
IOUT=5mA~0.5A
80
mV
Load Regulation
∆VOUT
IOUT=5mA~200mA
40
mV
VIN =10.5~25V
80
mV
Line Regulation
∆VOUT
VIN =10.5~23V, IOUT=0.5A
80
mV
Quiescent Current
IQ
IOUT=0.5A
8
mA
VIN =10.5~23V
1
mA
Quiescent Current Change
∆IQ
IOUT=5mA~0.5A
0.5
mA
Output Noise Voltage
eN
10Hz
≤f≤100kHz
58
μV
Temperature coefficient of VOUT
∆VOUT/∆TIOUT=5mA
-0.9
mV/°C
Ripple Rejection
RR
VIN =11.5~21.5V, f=120Hz
56
72
dB
Peak Output Current
IPEAK
1.2
A
Short-Circuit Current
ISC
VIN=VOUT+19V
250
mA
Dropout Voltage
VD
2
V



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com