Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PSR-PS21 Datasheet(PDF) 13 Page - PHOENIX CONTACT

Part # PSR-PS21
Description  SIL coupling relay
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

PSR-PS21 Datasheet(HTML) 13 Page - PHOENIX CONTACT

Back Button PSR-PS21 Datasheet HTML 6Page - PHOENIX CONTACT PSR-PS21 Datasheet HTML 7Page - PHOENIX CONTACT PSR-PS21 Datasheet HTML 8Page - PHOENIX CONTACT PSR-PS21 Datasheet HTML 9Page - PHOENIX CONTACT PSR-PS21 Datasheet HTML 10Page - PHOENIX CONTACT PSR-PS21 Datasheet HTML 11Page - PHOENIX CONTACT PSR-PS21 Datasheet HTML 12Page - PHOENIX CONTACT PSR-PS21 Datasheet HTML 13Page - PHOENIX CONTACT PSR-PS21 Datasheet HTML 14Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
PSR-PS21
106253_en_02
PHOENIX CONTACT
13
14
Application examples
Key:
Applications with the PSR-PS21
14.1
Application example 1 - SIL 2
–
Low-demand application
–
Single-channel control
–
Diagnostic supply voltage is present
Figure 10
Application example 1 - SIL 2
SIS
=
Safety Instrumented System (safe control)
DC
=
Diagnostic Coverage according to IEC 61508
(line/load diagnostics at DO)
DI
=
Digital input
DO
=
Digital output
K1
M
24V
L
M
(N)
K1
DO DO DI
SIS
DC 90%
13
14
( )
21
M1
22
( )
( )
A1
A2
PSR-PS21
Data for the application example as 1001 structure
Equipment type
A
HFT
0
SIL
2
SFF
81.20 %
SD
0 FIT
SU
794.1 FIT
DD
0 FIT
DU
183.8 FIT
Total
977.9 FIT
MTBF
99 years
PFD
avg
8.06 x 10
-04
(for T1 = 1 year)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com