Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2944777741 Datasheet(PDF) 1 Page - Fair-Rite Products Corp.

Part # 2944777741
Description  Wound Beads
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIR-RITE [Fair-Rite Products Corp.]
Direct Link  http://www.fair-rite.com
Logo FAIR-RITE - Fair-Rite Products Corp.

2944777741 Datasheet(HTML) 1 Page - Fair-Rite Products Corp.

  2944777741 Datasheet HTML 1Page - Fair-Rite Products Corp. 2944777741 Datasheet HTML 2Page - Fair-Rite Products Corp. 2944777741 Datasheet HTML 3Page - Fair-Rite Products Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Wound Beads (2944777741)
Part Number: 2944777741
44 WOUND BEAD
Explanation of Part Numbers:
– Digits 1 & 2 = Product Class
– Digits 3 & 4 = Material Grade
– Last digit 1 = Bulk Packed 4 = Taped and Reeled
Six and eleven hole beads, in two NiZn materials, are available both as beads (product class 26) and wound with tinned
copper wire in several winding configurations (product class 29).
•Wire used for winding is oxygen free high conductivity copper with 100% matte tin plating over a nickel undercoating.
•Recommended storage temperature and operating temperature is -55 °C to 125 °C
Packaging Options:
•– Parts with a “1” as the last digit of the part number are supplied bulk packed. Wound beads with part numbers 29– 666631
and 29– 666651 can be supplied radially taped and reeled per IEC 60286-1 and EIA 468- B standards. For these taped and reeled
wound beads the last digit of the part number is a “4”. Taped and reeled wound beads are supplied 500 pieces on a 13” reel.
For any wound bead requirement not listed in here, please contact our customer service group for availability and
pricing. 
Weight: 3.8 (g)
Chart Legend
+ Test frequency
•A ½ turn is defined as a single pass through a hole.
Dim
mm
mm tol
nominal inch
inch misc.
A
10
±0.25
0.394
_
B
0.9
+0.15
0.038
_
C
10
±0.25
0.394
_
D
7.5
Ref
0.295
Ref
Winding Information
Turns Tests Wire Size 1st Wire Length 2nd Wire Length
4½
0.65
22 AWG
38.0 ±3.0
(1.500”)
_


Similar Part No. - 2944777741

ManufacturerPart #DatasheetDescription
logo
Fair-Rite Products Corp...
2944777741 FAIR-RITE-2944777741 Datasheet
583Kb / 5P
44 WOUND BEAD
More results

Similar Description - 2944777741

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
4212-1 ETC1-4212-1 Datasheet
40Kb / 1P
Wound Beads
logo
API Delevan
4214R API-4214R Datasheet
2Mb / 1P
Wound Beads
logo
Fair-Rite Products Corp...
2644666611 FAIR-RITE-2644666611 Datasheet
629Kb / 2P
Wound Beads
2644777711 FAIR-RITE-2644777711 Datasheet
627Kb / 2P
Wound Beads
2661666611 FAIR-RITE-2661666611 Datasheet
628Kb / 2P
Wound Beads
2944666634 FAIR-RITE-2944666634_18 Datasheet
603Kb / 2P
Wound Beads
2944666651 FAIR-RITE-2944666651_18 Datasheet
637Kb / 2P
Wound Beads
2961666634 FAIR-RITE-2961666634_18 Datasheet
598Kb / 2P
Wound Beads
2961666651 FAIR-RITE-2961666651_18 Datasheet
632Kb / 2P
Wound Beads
2961666661 FAIR-RITE-2961666661_18 Datasheet
637Kb / 2P
Wound Beads
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com