Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PLC-RPT-72UC Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # PLC-RPT-72UC
Description  PLC-INTERFACE for railway applications, consisting of basic terminal block with push-in connection and plug-in miniature relay with power contact, range: 0.7 x UN to 1.25 x UN, temperature class TX: -40째C to 70째C, 1 PDT, input voltage 72 V DC
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

PLC-RPT-72UC Datasheet(HTML) 1 Page - PHOENIX CONTACT

  PLC-RPT-72UC Datasheet HTML 1Page - PHOENIX CONTACT PLC-RPT-72UC Datasheet HTML 2Page - PHOENIX CONTACT PLC-RPT-72UC Datasheet HTML 3Page - PHOENIX CONTACT PLC-RPT-72UC Datasheet HTML 4Page - PHOENIX CONTACT PLC-RPT-72UC Datasheet HTML 5Page - PHOENIX CONTACT PLC-RPT-72UC Datasheet HTML 6Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
https://www.phoenixcontact.com/us/products/2900319
10/28/2014   Page 1 / 6
Relay Module - PLC-RPT- 72UC/21/RW - 2900319
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://phoenixcontact.com/download)
PLC-INTERFACE for railway applications, consisting of basic terminal block with push-in connection and plug-in
miniature relay with power contact, range: 0.7 x UN to 1.25 x UN, temperature class TX: -40°C to +70°C, 1 PDT,
input voltage 72 V DC
The illustration shows the version
PLC-RSP-24UC/21/RW
Product Features
 Optimum relay operation thanks to wide-range electronics
 Safe isolation according to DIN EN 50178 between coil and contact
 Certified according to EN 50155
 Vibration and shock resistance according to EN 50155
 Temperature range from -40°C to +70°C (+85°C briefly)
 Input voltage range of 0.7 to 1.25 x UN (1.4 x UN briefly)
 Spring-cage and Push-in connection technology
 
 
Key commercial data
Packing unit
1 pc
Weight per Piece (excluding packing)
99.99 GRM
Custom tariff number
85364900
Country of origin
Germany
Technical data
Note
Utilization restriction
EMC: class A product, see manufacturer's declaration in the download
area
Dimensions
Width
6.2 mm
Height
80 mm


Similar Part No. - PLC-RPT-72UC

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
PLC-RPT-110UC PHOENIX-PLC-RPT-110UC Datasheet
84Kb / 6P
PLC-INTERFACE for railway applications, consisting of basic terminal block with push-in connection and plug-in miniature relay with power contact, range: 0.7 x UN to 1.25 x UN, temperature class TX: -40째C to 70째C, 1 PDT, input voltage 110 V DC
PLC-RPT-120UC PHOENIX-PLC-RPT-120UC Datasheet
130Kb / 12P
PLC-INTERFACE, consisting of PLC-BPT.../21 basic terminal block with push-in connection and plug-in miniature relay with multi-layer gold contact, for mounting on DIN rail NS 35/7,5, 1 PDT, input voltage 120 V AC/110 V DC
PLC-RPT-12DC PHOENIX-PLC-RPT-12DC Datasheet
99Kb / 6P
PLC-INTERFACE, consisting of PLC-BPT.../21-21 basic terminal block with push-in connection and plug-in miniature relay with power contact, for mounting on NS 35/7,5 DIN rail, 2 PDTs, input voltage 12 V DC
PLC-RPT-230UC PHOENIX-PLC-RPT-230UC Datasheet
90Kb / 6P
PLC-INTERFACE for input functions, consisting of PLC-BPT.../SEN basic terminal block with push-in connection and plug-in miniature relay with multi-layer gold contact, for mounting on DIN rail NS 35/7,5, 1 N/O contact, input voltage 230 V AC/220 V DC
PLC-RPT-24DC PHOENIX-PLC-RPT-24DC Datasheet
110Kb / 7P
PLC-INTERFACE, consisting of PLC-BPT.../21-21 basic terminal block with push-in connection and plug-in miniature relay with power contact, for mounting on NS 35/7,5 DIN rail, 2 PDTs, input voltage 24 V DC
More results

Similar Description - PLC-RPT-72UC

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
PLC-RPIT-12DC PHOENIX-PLC-RPIT-12DC Datasheet
186Kb / 7P
PLC interface, consisting of PLC-BPIT.../21 basic terminal block with Push-In connection and pluggable miniature relay with power contact, for assembly on DIN rail NS 35/7.5, 1 PDT, input voltage 12 V DC
PLC-RPIT-24UC PHOENIX-PLC-RPIT-24UC Datasheet
186Kb / 7P
PLC interface, consisting of PLC-BPIT.../21 basic terminal block with Push-In connection and pluggable miniature relay with power contact, for assembly on DIN rail NS 35/7.5, 1 PDT, input voltage 24 V AC/DC
PLC-RPIT-48DC PHOENIX-PLC-RPIT-48DC Datasheet
162Kb / 7P
PLC interface, consisting of PLC-BPIT.../21 basic terminal block with Push-In connection and pluggable miniature relay with power contact, for assembly on DIN rail NS 35/7.5, 1 PDT, input voltage 48 V DC
PLC-RPIT-60DC PHOENIX-PLC-RPIT-60DC Datasheet
162Kb / 7P
PLC interface, consisting of PLC-BPIT.../21 basic terminal block with Push-In connection and pluggable miniature relay with power contact, for assembly on DIN rail NS 35/7.5, 1 PDT, input voltage 60 V DC
PLC-RPT-12DC PHOENIX-PLC-RPT-12DC Datasheet
99Kb / 6P
PLC-INTERFACE, consisting of PLC-BPT.../21-21 basic terminal block with push-in connection and plug-in miniature relay with power contact, for mounting on NS 35/7,5 DIN rail, 2 PDTs, input voltage 12 V DC
PLC-RPT-24DC PHOENIX-PLC-RPT-24DC Datasheet
110Kb / 7P
PLC-INTERFACE, consisting of PLC-BPT.../21-21 basic terminal block with push-in connection and plug-in miniature relay with power contact, for mounting on NS 35/7,5 DIN rail, 2 PDTs, input voltage 24 V DC
PLC-RPT-24UC PHOENIX-PLC-RPT-24UC Datasheet
80Kb / 6P
PLC-INTERFACE for railway applications, consisting of basic terminal block with push-in connection and plug-in miniature relay with multi-layer gold contact, range: 0.7 x UN to 1.25 x UN, temperature class TX: -40째C to 70째C, 1 PDT, input voltage 24 V DC
PLC-RPT-110UC PHOENIX-PLC-RPT-110UC Datasheet
84Kb / 6P
PLC-INTERFACE for railway applications, consisting of basic terminal block with push-in connection and plug-in miniature relay with power contact, range: 0.7 x UN to 1.25 x UN, temperature class TX: -40째C to 70째C, 1 PDT, input voltage 110 V DC
PLC-RPT-120UC PHOENIX-PLC-RPT-120UC Datasheet
130Kb / 12P
PLC-INTERFACE, consisting of PLC-BPT.../21 basic terminal block with push-in connection and plug-in miniature relay with multi-layer gold contact, for mounting on DIN rail NS 35/7,5, 1 PDT, input voltage 120 V AC/110 V DC
PLC-RSC-220DC PHOENIX-PLC-RSC-220DC Datasheet
69Kb / 4P
PLC-INTERFACE, consisting of PLC-BSC.../21 basic terminal block with screw connection and plug-in miniature relay with multi-layer gold contact, for mounting on DIN rail NS 35/7,5, 1 PDT, input voltage 220 V DC
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com