Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

US1KSAFS Datasheet(PDF) 2 Page - Diodes Incorporated

Part # US1KSAFS
Description  1.0A SURFACE MOUNT ULTRA-FAST RECTIFIER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

US1KSAFS Datasheet(HTML) 2 Page - Diodes Incorporated

  US1KSAFS Datasheet HTML 1Page - Diodes Incorporated US1KSAFS Datasheet HTML 2Page - Diodes Incorporated US1KSAFS Datasheet HTML 3Page - Diodes Incorporated US1KSAFS Datasheet HTML 4Page - Diodes Incorporated US1KSAFS Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
US1KSAFS
Document number: DS38879 Rev. 2 - 2
2 of 5
www.diodes.com
September 2016
© Diodes Incorporated
US1KSAFS
Maximum Ratings (@TA = +25°C, unless otherwise specified.)
Single phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
Characteristic
Symbol
Value
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage (Note 5)
VRRM
VRWM
VR
800
V
RMS Reverse Voltage
VR(RMS)
560
V
Average Rectified Output Current
@TA = +40°C
IO
1.0
A
Non-Repetitive Peak Forward Surge Current 8.3ms
Single Half Sine-Wave Superimposed on Rated Load
IFSM
30
A
Maximum Full Load Reverse Current, Full Cycle Average,
0.375”(9.5mm) Length at TA = +55°C
IR(AV)
100
μA
Thermal Characteristics
Characteristic
Symbol
Value
Unit
Typical Thermal Resistance, Junction to Case (Note 8)
RJC
25
°C/W
Typical Thermal Resistance, Junction to Ambient (Note 8)
RJA
150
°C/W
Operating and Storage Temperature Range
TJ, TSTG
-55 to +150
°C
Electrical Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Unit
Reverse Breakdown Voltage (Note 5)
@IR = 5μA
V(BR)R
800
V
Maximum Forward Voltage Drop
@IF = 1.0A
VF
1.85
V
Peak Reverse Current
@TA = +25°C
at Rated DC Blocking Voltage (Note 5)
@TA = +100°C
IR
5.0
50
μA
Maximum Reverse Recovery Time (Note 6)
tRR
75
ns
Typical Total Capacitance (Note 7)
CT
5
pF
Notes:
5. Short duration pulse test used to minimize self-heating effect.
6. Measured with IF = 0.5A, IR = 1.0A, IRR = 0.25A. See figure 7.
7. Measured at 1.0MHz and applied reverse voltage of 4.0V DC.
8. Device mounted on FR-4 substrate, 1"x1", 2oz, single-sided, PC boards with 0.1"x0.15" copper pad.
9. Device mounted on FR-4 substrate, 0.4"x0.5", 2oz, single-sided, PC boards with 0.2"x0.25" copper pad.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com