Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA4481-D Datasheet(PDF) 2 Page - TEMIC Semiconductors

Part # TDA4481-D
Description  Multistandard quasi parallel-sound processor for Mono-TV-Sets
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEMIC [TEMIC Semiconductors]
Direct Link  http://www.temic.de
Logo TEMIC - TEMIC Semiconductors

TDA4481-D Datasheet(HTML) 2 Page - TEMIC Semiconductors

  TDA4481-D Datasheet HTML 1Page - TEMIC Semiconductors TDA4481-D Datasheet HTML 2Page - TEMIC Semiconductors TDA4481-D Datasheet HTML 3Page - TEMIC Semiconductors TDA4481-D Datasheet HTML 4Page - TEMIC Semiconductors TDA4481-D Datasheet HTML 5Page - TEMIC Semiconductors TDA4481-D Datasheet HTML 6Page - TEMIC Semiconductors TDA4481-D Datasheet HTML 7Page - TEMIC Semiconductors TDA4481-D Datasheet HTML 8Page - TEMIC Semiconductors TDA4481-D Datasheet HTML 9Page - TEMIC Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
TELEFUNKEN Semiconductors
TDA4481-D
Rev. A1: 23.02.1995
2 (10)
Pin Configuration
Pin
Function
1–2
Picture-IF-carrier input
3
SCART-switch
4
AGC storage capacitor
5
SCART-AF input
6
Standard switch
7
AF output (controlled)
8
Volume control voltage
9
SCART-AF output
10
VC0 tank circuit
Pin
Function
11
Ground
12–13
FM demod. circuit 5.5 MHz
14
FM deemphasis capacitor
15
Intercarrier output 5.5 MHz
16
Supply voltage
17
Intercarrier input 5.5 MHz
and muting
18–19
Sound-IF-carrier input
20
not connected
Description
This circuit configuration permits high-quality processing
of audio carriers for all standards, providing separate inputs
for the video and audio carriers. The audio carrier signal
(FM or AM) is passed to two multiplying mixer
arrangements via a 3-stage variable wide-band amplifier
with levelled output signals. One mixer demodulates AM
and generates the gain control signal. The second mixer
operates as an intercarrier demodulator and supplies the
intermediate AF carrier.
The video carrier signal required to form the intercarrier is
decoupled in a prelimited and selected form from the
demodulator tank of the intermediate video frequency
circuit (TDA 4453 or TDA 4439) and led to the intercarrier
mixer via a limiting amplifier. By virtue of the system, the
Nyquist range of the IF input filter in the video channel
affects the attainable AF signal-to-noise ratio.
The audio FM IF carrier reaches a quadrature demodulator
via an interconnected IF-filter and subsequent limiting
amplifier. The resulting AF signal is led via a low-pass
amplifier with increased level and the AF standard switch
to the SCART switch. It is available at both AF outputs,
regulated (pin 7) and unregulated (pin 9).
Pin 14 is provided to connect a de-emphasis capacitor
(10 nF for 50
ms). The de-emphasis is effective for both AF
outputs during FM operation, but deactivated for AM
operation.
A frequency converter is inserted to mix the different
possible sound frequency standards (4.5, 6.0, 6.5 MHz)
into a uniform intermediate audio frequency, e.g. 5.5 MHz.
The VCO frequency (pin 10) can be controlled from the
unlevelled AF output at pin 9 or the de-emphasis
connection at pin 14.
The intercarrier and converter circuits as well as the FM
demodulator are deactivated during AM modulation. FM
muting is also possible if a switching voltage is applied to
pin 17.
All switching functions (standard, SCART, mute) can take
place with TTL-equivalent level.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com