Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R-REF02-78S Datasheet(PDF) 2 Page - Recom International Power

Part # R-REF02-78S
Description  3.3V from a single AA battery (boost converter)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

R-REF02-78S Datasheet(HTML) 2 Page - Recom International Power

  R-REF02-78S Datasheet HTML 1Page - Recom International Power R-REF02-78S Datasheet HTML 2Page - Recom International Power R-REF02-78S Datasheet HTML 3Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
www.recom-power.com
REV.: 0/2017
P-2
Reference Design
Specifications (measured @ ta= 25°C, 1.5Vin, full load after warm up unless otherwise stated)
R-REF02-78S
Overload Capability Graph
Input Voltage [V]
0.65
0
20
40
60
80
100
120
150
140
1.3
1.85
1.2
1.8
3.15
2.4
peak current
continuous current
Quick Start Guide
• Insert the AA battery into the battery holder (only one way possible).
• The output voltage is accessed via J1.
• To set the R-78S into sleep mode, short both pins of J2 (CTRL to GND).
Component Placement
Component List
Part
Description
BAT1
AA battery holder
U1
R-78S3.3-0.1
J1
2 pin 0.100” (2.54mm) header for VOUT and GND
J2
2 pin 0.100” (2.54mm) header for CTRL and GND
BAT1
VOUT GND
GND
CTRL
J2
J1
U1



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com