Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B230010 Datasheet(PDF) 1 Page - E-SWITCH

Part # B230010
Description  ALL DIMENSIONS IN MM [INCH]
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-SWITCH [E-SWITCH]
Direct Link  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH

B230010 Datasheet(HTML) 1 Page - E-SWITCH

  B230010 Datasheet HTML 1Page - E-SWITCH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
TITLE
SCALE
DATE
DR
DWG
REV
THE INFORMATION CONTAINED IN THIS DOCUMENT IS PROPRIETARY
TO E-SWITCH AND IS NOT TO BE COPIED OR TRANSFERRED
SHEET
OF
REV
PCR NO
DESCRIPTION
DATE
BY
LP11OA1NASBW
2
1/29/2010
B230010
C
BLR
1
1
LUMINOUS INTENSITY @ 20mA
LED SPECS
FORWARD VOLTAGE @20mA
FORWARD CURRENT
mcd
V
mA
20
70
3.3-3.8
BLUE
UNITS
WHITE
20
3.0-3.6
500
L2
(WHITE)
L1
(BLUE)
LC
NOTES:
1. ALL DIMENSIONS IN MM [INCH]
2. GENERAL TOLERANCE: X.X=`0.4
X.XX=`0.25
3. TERM. NOS. FOR REFERENCE ONLY.
4. RATING: 100mA @ 12VDC
5. CONTACT MATERIAL: GOLD PLATED
6. CONTACT RESISTANCE: 200 Milli-OHM MAX.
7. INSULATION RESISTANCE: 500VDC, 100 MEGA-OHM MIN.
8. OPERATING FORCE: 250 ` 100GF
9. MECHANCIAL LIFE: 1,000,000 CYCLES
10. OPERATING TEMP: -20~C TO +70~C
11. LED COLORS: BLUE - WHITE
12. TRAVEL: 4.50mm±0.20
13. 2002/95/EC (ROHS) COMPLIANT
14.
DENOTES CRITICAL PARAMETER.
LED SCHEMATIC
12.00
[.472 in]
12.00
[.472 in]
12.70
[.500 in]
15.00
[.591 in]
o
12.70
[.500 in]
11.50
[.453 in]
3.60
[.142 in]
6.00
[.236 in]
A
18750
Release for Production
1/29/10
BLR
CIRCUIT: SPST
1
2
1
2
1
2
L1
L2
LC
L1
L2
LC
12.70
[.500 in]
6.35
[.250 in]
2.54
[.100 in]
5.08
[.200 in]
7.62
[.300 in]
4.50
[.177 in]
6.35
[.250 in]
5.00
[.197 in]
n1.30
[.051 in]
n.70
[.028 in]
n.80
[.031 in]
12.70
[.500 in]
PCB LAYOUT
L1
L2
1
2
23.00
[.906 in]
6.50
[.256 in]
3.00
[.118 in]
2.60
[.102 in]
.40
[.016 in]
7.62
[.300 in]
B
19357
UPDATE HOUSING, COVER, PLUNGER
11/08/10
BMA
C
C
21454
CHANGE CONTACT MATERIAL TO GOLD
5/13/14
EBP


Similar Part No. - B230010

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
B230011 E-SWITCH-B230011 Datasheet
172Kb / 1P
ALL DIMENSIONS IN MM [INCH]
B230012 E-SWITCH-B230012 Datasheet
177Kb / 1P
ALL DIMENSIONS IN MM [INCH]
B230013 E-SWITCH-B230013 Datasheet
166Kb / 1P
ALL DIMENSIONS IN MM [INCH]
B230015 E-SWITCH-B230015 Datasheet
144Kb / 1P
ALL DIMENSIONS IN MM [INCH]
More results

Similar Description - B230010

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
T700103 E-SWITCH-T700103 Datasheet
30Kb / 1P
ALL DIMENSIONS IN MM[INCH]
T700203 E-SWITCH-T700203 Datasheet
35Kb / 1P
ALL DIMENSIONS IN MM [INCH]
T700400 E-SWITCH-T700400 Datasheet
31Kb / 1P
ALL DIMENSIONS IN MM [INCH]
T800300 E-SWITCH-T800300 Datasheet
66Kb / 1P
ALL DIMENSIONS IN MM[INCH]
T800501 E-SWITCH-T800501 Datasheet
41Kb / 1P
ALL DIMENSIONS IN MM[INCH]
T811002 E-SWITCH-T811002 Datasheet
76Kb / 1P
ALL DIMENSIONS IN MM[INCH]
XR0106P E-SWITCH-XR0106P Datasheet
35Kb / 1P
ALL DIMENSIONS IN MM[INCH]
XR0108P E-SWITCH-XR0108P Datasheet
33Kb / 1P
ALL DIMENSIONS IN MM[INCH]
B401000 E-SWITCH-B401000 Datasheet
154Kb / 1P
ALL DIMENSIONS IN MM [INCH]
B401006 E-SWITCH-B401006 Datasheet
203Kb / 1P
ALL DIMENSIONS IN MM [INCH]
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com