Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B233003 Datasheet(PDF) 1 Page - E-SWITCH

Part # B233003
Description  ALL DIMENSIONS IN MM [INCH]
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-SWITCH [E-SWITCH]
Direct Link  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH

B233003 Datasheet(HTML) 1 Page - E-SWITCH

  B233003 Datasheet HTML 1Page - E-SWITCH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
TITLE
SCALE
DATE
DR
DWG
REV
THE INFORMATION CONTAINED IN THIS DOCUMENT IS PROPRIETARY
TO E-SWITCH AND IS NOT TO BE COPIED OR TRANSFERRED
SHEET
OF
REV
PCR NO
DESCRIPTION
DATE
BY
LP11OA1TCSGVL
2:1
7/19/2016
B233003
A
MW
1
1
400
mA
FORWARD VOLTAGE @20mA
FORWARD CURRENT
3.1-3.8
UNITS
20
BLUE
1600
3.2-4.0
GREEN
20
MCD
LED SPECS
LUMINOUS INTENSITY @20mA
V
RED
20
2.1-2.5
1000
B1
R1
C1
G1
B1
2
1
C1
R1
G1
C1
B1 (BLUE)
G1 (GREEN)
R1 (RED)
NOTES:
1. ALL DIMENSIONS IN MM [INCH]
2. GENERAL TOLERANCE: X.X =
0.4
X.XX =
0.25
3. TERM. NOS. FOR REFERENCE ONLY.
4. RATING: 12VDC, 100mA
5. CONTACT MATERIAL: GOLD PLATED
6. CONTACT RESISTANCE: 200 m MAX.
7. INSULATION RESISTANCE: 500VDC, 100 M MIN.
8. OPERATING FORCE: 200
80gf
9. MECHANCIAL LIFE: 2,000,000 CYCLES
10. OPERATING TEMP: -40 C TO +85 C
11. LED COLORS: RED / GREEN / BLUE
12. TRAVEL: 4.50mm 0.20
13. 2002/95/EC (ROHS) COMPLIANT
14.
DENOTES CRITICAL PARAMETER.
15. SWITCH HAS TACTILE FEEDBACK WHEN ACTUATED
LED SCHEMATIC
17.40
[.685 in]
12.70
[.500 in]
12.70
[.500 in]
11.50
[.453 in]
3.60
[.142 in]
A
22399
INITIAL RELEASE
7/19/16
MW
CIRCUIT: SPST
1
2
1
2
4.50
[.177 in]
PCB LAYOUT
3.00
[.118 in]
2.60
[.102 in]
23.0
[.906 in]
7.00
[.276 in]
LED COLOR:
RED / GREEN / BLUE
15.00
[.591 in]
12.70
[.500 in]
12.70
[.500 in]
.80
[.031 in]
(10x)
1.30
[.051 in]
(4x)
7.62
[.300 in]
4.50
[.177 in]
3.81
[.150 in]


Similar Part No. - B233003

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
B233000 E-SWITCH-B233000 Datasheet
101Kb / 1P
ALL DIMENSIONS IN MM [INCH]
B233001 E-SWITCH-B233001 Datasheet
104Kb / 1P
ALL DIMENSIONS IN MM [INCH]
More results

Similar Description - B233003

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
T700103 E-SWITCH-T700103 Datasheet
30Kb / 1P
ALL DIMENSIONS IN MM[INCH]
T700203 E-SWITCH-T700203 Datasheet
35Kb / 1P
ALL DIMENSIONS IN MM [INCH]
T700400 E-SWITCH-T700400 Datasheet
31Kb / 1P
ALL DIMENSIONS IN MM [INCH]
T800300 E-SWITCH-T800300 Datasheet
66Kb / 1P
ALL DIMENSIONS IN MM[INCH]
T800501 E-SWITCH-T800501 Datasheet
41Kb / 1P
ALL DIMENSIONS IN MM[INCH]
T811002 E-SWITCH-T811002 Datasheet
76Kb / 1P
ALL DIMENSIONS IN MM[INCH]
XR0106P E-SWITCH-XR0106P Datasheet
35Kb / 1P
ALL DIMENSIONS IN MM[INCH]
XR0108P E-SWITCH-XR0108P Datasheet
33Kb / 1P
ALL DIMENSIONS IN MM[INCH]
B401000 E-SWITCH-B401000 Datasheet
154Kb / 1P
ALL DIMENSIONS IN MM [INCH]
B401006 E-SWITCH-B401006 Datasheet
203Kb / 1P
ALL DIMENSIONS IN MM [INCH]
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com