Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADRF6516 Datasheet(PDF) 3 Page - Analog Devices

Part # ADRF6516
Description  Dual Programmable Filters and Variable Gain Amplifiers
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6516 Datasheet(HTML) 3 Page - Analog Devices

  ADRF6516 Datasheet HTML 1Page - Analog Devices ADRF6516 Datasheet HTML 2Page - Analog Devices ADRF6516 Datasheet HTML 3Page - Analog Devices ADRF6516 Datasheet HTML 4Page - Analog Devices ADRF6516 Datasheet HTML 5Page - Analog Devices ADRF6516 Datasheet HTML 6Page - Analog Devices ADRF6516 Datasheet HTML 7Page - Analog Devices ADRF6516 Datasheet HTML 8Page - Analog Devices ADRF6516 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 29 page
background image
Data Sheet
ADRF6516
Rev. C | Page 3 of 29
SPECIFICATIONS
VPS = 3.3 V, TA = 25°C, ZLOAD = 1 kΩ, digital gain code = 111, unless otherwise noted.
Table 1.
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
FREQUENCY RESPONSE
Low-Pass Corner Frequency, fC
6-pole Butterworth filter, 0.5 dB bandwidth
1
31
MHz
Step Size
1
MHz
Corner Frequency Absolute
Accuracy
Over operating temperature range
±15
% fC
Corner Frequency Matching
Channel A and Channel B at same gain and
bandwidth settings
±0.5
% fC
Pass-Band Ripple
0.5
dB p-p
Gain Matching
Channel A and Channel B at same gain and
bandwidth settings
±0.1
dB
Group Delay Variation
From midband to peak
Corner Frequency = 1 MHz
135
ns
Corner Frequency = 31 MHz
11
ns
Group Delay Matching
Channel A and Channel B at same gain
Corner Frequency = 1 MHz
5
ns
Corner Frequency = 31 MHz
0.2
ns
Stop-Band Rejection
Relative to Pass Band
2 × fC
30
dB
5 × fC
75
dB
INPUT STAGE
INP1, INM1, INP2, INM2, VICM pins
Maximum Input Swing
At minimum gain, VGAIN = 0 V
1
V p-p
Differential Input Impedance
1600
Ω
Input Common-Mode Range
0.4 V p-p input voltage, HD3 > 65 dBc
1.1
1.65
1.8
V
Input pins left floating
VPS/2
V
VICM Output Impedance
7
kΩ
GAIN CONTROL
GAIN pin
Voltage Gain Range
VGAIN from 0 V to 1 V
−5
+45
dB
Gain Slope
15.5
mV/dB
Gain Error
VGAIN from 300 mV to 800 mV
0.2
dB
OUTPUT STAGE
OPP1, OPM1, OPP2, OPM2, VOCM pins
Maximum Output Swing
At maximum gain, RLOAD = 1 kΩ
2
V p-p
HD2 > 65 dBc, HD3 > 65 dBc
1.5
V p-p
Differential Output Impedance
30
Ω
Output DC Offset
Inputs shorted, offset loop disabled
35
mV
Output Common-Mode Range
0.7
1.65
2.8
V
VOCM pin left floating
VPS/2
V
VOCM Input Impedance
23
kΩ
NOISE/DISTORTION
Corner Frequency = 1 MHz
Output Noise Density
Gain = 0 dB at fC/2
−141
dBV/√Hz
Gain = 20 dB at fC/2
−131
dBV/√Hz
Gain = 40 dB at fC/2
−112
dBV/√Hz
Second Harmonic, HD2
250 kHz fundamental, 1.5 V p-p output voltage
Gain = 5 dB
82
dBc
Gain = 40 dB
68
dBc
Third Harmonic, HD3
250 kHz fundamental, 1.5 V p-p output voltage
Gain = 5 dB
71
dBc
Gain = 40 dB
56
dBc



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com