Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCC95-08IO1B Datasheet(PDF) 5 Page - IXYS Corporation

Part # MCC95-08IO1B
Description  Thyristor Module
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

MCC95-08IO1B Datasheet(HTML) 5 Page - IXYS Corporation

  MCC95-08IO1B Datasheet HTML 1Page - IXYS Corporation MCC95-08IO1B Datasheet HTML 2Page - IXYS Corporation MCC95-08IO1B Datasheet HTML 3Page - IXYS Corporation MCC95-08IO1B Datasheet HTML 4Page - IXYS Corporation MCC95-08IO1B Datasheet HTML 5Page - IXYS Corporation MCC95-08IO1B Datasheet HTML 6Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
MCC95-08io1B
0
40
80
120
160
0
40
80
120
160
200
0.01
0.10
1.00
10.00
0.1
1.0
10.0
100.0
0.01
0.1
1
800
1200
1600
2000
0.5
1.0
1.5
2.0
0
50
100
150
200
250
300
1
10
100
1000
10000
0.00
0.04
0.08
0.12
0.16
0.20
0.24
I
T
[A]
t [s]
V
T [V]
2
3
4 5 6 7 8 9 0
1
1
103
104
105
I
2t
[A
2s]
t [ms]
I
TSM
[A]
T
VJ = 25°C
T
VJ = 45°C
50 Hz, 80% V
RRM
T
VJ = 45°C
V
R = 0 V
I
TAVM
[A]
T
case [°C]
Z
thJC
[K/W]
t
[ms]
Fig. 1 Forward characteristics
Fig. 2 Surge overload current
I
TSM: crest value, t: duration
Fig. 3 I
2t versus time (1-10 s)
Fig. 4 Gate voltage & gate current
Fig. 6 Max. forward current at
case temperature
Fig. 8 Transient thermal impedance junction to case
t
gd
[μs]
I
G [A]
lim.
typ.
Fig. 5 Gate controlled delay time t
gd
0
40
80
120 160
0
50
100
150
200
250
I
T(AV) [A]
P
tot
[W]
Fig. 7a Power dissipation versus direct output current
Fig. 7b and ambient temperature
0
40
80
120
160
T
amb [°C]
T
VJ = 125°C
dc =
1
0.5
0.4
0.33
0.17
0.08
dc =
1
0.5
0.4
0.33
0.17
0.08
0.01
0.1
1
10
0.1
1
10
100
V
G
[V]
I
G [A]
tp = 30 µs
t
p = 500 µs
P
GM = 120 W, tP =
30 µs
P
GAV =
8 W
I
GD
IGT (TVJ = -40°C)
IGT (TVJ = 0°C)
I
GT (TVJ = 25°C)
T
VJ = 140°C
T
VJ = 140°C
i
R
thi (K/W)
t
i (s)
1
0.0073
0.0001
2
0.0128
0.0031
3
0.1329
0.084
4
0.067
0.42
T
VJ = 125°C
140°C
R
thHA
0.1
0.2
0.4
0.6
0.8
1.0
60 W, t
P = 500 µs
Thyristor
IXYS reserves the right to change limits, conditions and dimensions.
20161222c
Data according to IEC 60747and per semiconductor unless otherwise specified
© 2016 IXYS all rights reserved



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com