Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM8762 Datasheet(PDF) 3 Page - Wolfson Microelectronics plc

Part # WM8762
Description  24-bit 192kHz Stereo DAC
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8762 Datasheet(HTML) 3 Page - Wolfson Microelectronics plc

  WM8762 Datasheet HTML 1Page - Wolfson Microelectronics plc WM8762 Datasheet HTML 2Page - Wolfson Microelectronics plc WM8762 Datasheet HTML 3Page - Wolfson Microelectronics plc WM8762 Datasheet HTML 4Page - Wolfson Microelectronics plc WM8762 Datasheet HTML 5Page - Wolfson Microelectronics plc WM8762 Datasheet HTML 6Page - Wolfson Microelectronics plc WM8762 Datasheet HTML 7Page - Wolfson Microelectronics plc WM8762 Datasheet HTML 8Page - Wolfson Microelectronics plc WM8762 Datasheet HTML 9Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
WM8762
Preliminary Technical Data
w
PTD Rev 2.0 August 2003
3
PIN CONFIGURATION
8
7
6
5
WM8762
1
2
3
4
VDD
VOUTR
VOUTL
GND
MCLK
LRCIN
DIN
BCKIN
ORDERING INFORMATION
DEVICE
TEMP. RANGE
PACKAGE
MOISTURE
SENSITIVITY LEVEL
WM8762ED
-25 to +85
oC
8-pin SOIC
MSL1
PIN DESCRIPTION
PIN
NAME
TYPE
DESCRIPTION
1
DIN
Digital input
Serial audio data input
2
BCKIN
Digital input
Bit clock input
3
LRCIN
Digital input
Sample rate clock input
4
MCLK
Digital input
System master clock input
5
VOUTR
Analogue output
Right channel DAC output
6
GND
Supply
Analogue ground supply
7
VDD
Supply
Positive supply
8
VOUTL
Analogue output
Left channel DAC output
Note:
Digital input pins have Schmitt trigger input buffers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com