Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM-034D Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # WM-034D
Description  Omnidirectional Electret Condenser Microphone Cartridge
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

WM-034D Datasheet(HTML) 1 Page - Panasonic Semiconductor

  WM-034D Datasheet HTML 1Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Design and specifications are subject to change without notice. Ask factory for technical specifications before purchase and/or use.
Whenever a doubt about safety arises from this product, please contact us immediately for technical consultation.
Microphone Cartridges
Omnidirectional Electret
Condenser Microphone Cartridge
Series:
WM-034B/034DB (pin type)
WM-034C/034D
I Features
I Sensitivity
I Specifications
Sensitivity
See next page (0dB = 1V/pA, 1kHz)
Impedance
Less than 2.2k
Ω [1.5k Ω]
Directivity
Omnidirectional
Frequency
20–16,000 Hz
Max. operation voltage
10V
Standard operation voltage
4.5V [1.5V]
Current consumption
Max. 0.8mA [0.3mA]
Sensitivity reduction
Within –3dB at 3V
[(M.H.): Within –3dB at 1V]
[(P.R.U.): Within –2dB at 1V]
S/N ratio
More than 60dB
I Typical Frequency Response Curve
I Dimensions in mm (not to scale)
WM-034B/034DB
WM-34C/034D
Term 2
ground
Term 1
output
6.7
2.0
Term 2
ground
Term 1
output
6.7
4.5
2.0
+20
+10
0
–10
–20
–30
20
50
100
200
500
1000
2000
5000
10000 20000
Frequency (Hz)
X
Y
Z
–46
±3dB
–42
±3dB
–38
±3dB
Vs = 4.5V
RL = 2.2k
Ω
WM-034B/034C
M
H
P
R
U
–44
±2dB
–42
±2dB
–40
±2dB
–38
±2dB
–36
±2dB
Vs = 1.5V
RL = 1.5k
Ω
WM-034DB/034D
G Useful for almost any type telephone and other
applications
G Low operation voltage of 1.0V to 10V (2M-034D type)
G Microphone with pins for PCB (WM-034B/034DB type)


Similar Part No. - WM-034D

ManufacturerPart #DatasheetDescription
logo
Coherent Corp
WM-00500A-C-R-1-AA-00 COHERENT-WM-00500A-C-R-1-AA-00 Datasheet
1Mb / 6P
WAVEMAKER® 500A/4000A
WM-00500A-C-S-1-AA-00 COHERENT-WM-00500A-C-S-1-AA-00 Datasheet
1Mb / 6P
WAVEMAKER® 500A/4000A
WM-04000A-C-R-1-AA-00 COHERENT-WM-04000A-C-R-1-AA-00 Datasheet
1Mb / 6P
WAVEMAKER® 500A/4000A
WM-04000A-C-R-4-AA-00 COHERENT-WM-04000A-C-R-4-AA-00 Datasheet
1Mb / 6P
WAVEMAKER® 500A/4000A
WM-04000A-C-S-1-AA-00 COHERENT-WM-04000A-C-S-1-AA-00 Datasheet
1Mb / 6P
WAVEMAKER® 500A/4000A
More results

Similar Description - WM-034D

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
WM-60A PANASONIC-WM-60A Datasheet
42Kb / 1P
Omnidirectional Back Electret Condenser Microphone Cartridge
logo
Soberton Inc.
EM1050 SOBERTON-EM1050 Datasheet
878Kb / 1P
Omnidirectional Electret Condenser Microphone
EM6027 SOBERTON-EM6027 Datasheet
811Kb / 1P
Omnidirectional Electret Condenser Microphone
EM6050 SOBERTON-EM6050 Datasheet
178Kb / 1P
Omnidirectional Electret Condenser Microphone
EM9465 SOBERTON-EM9465 Datasheet
831Kb / 1P
Omnidirectional Electret Condenser Microphone
EM9745 SOBERTON-EM9745 Datasheet
818Kb / 1P
Omnidirectional Electret Condenser Microphone
logo
Panasonic Semiconductor
WM-61B102B PANASONIC-WM-61B102B Datasheet
76Kb / 1P
Omnidirectional Back Electret Condenser Microphone Cartridge
WM-61A PANASONIC-WM-61A Datasheet
76Kb / 1P
Omnidirectional Back Electret Condenser Microphone Cartridge
WM-63PR PANASONIC-WM-63PR Datasheet
42Kb / 1P
Omnidirectional Electret Condenser Microphone Cartridge
logo
List of Unclassifed Man...
WM-63PRT ETC2-WM-63PRT Datasheet
31Kb / 1P
Omnidirectional Electret Condenser Microphone Cartridge
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com