Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ESPRIT-4S4 Datasheet(PDF) 3 Page - rfsolutions.ltd

Part # ESPRIT-4S4
Description  Professional Remote Control Systems
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFSOLUTIONS [rfsolutions.ltd]
Direct Link  http://www.rfsolutions.co.uk
Logo RFSOLUTIONS - rfsolutions.ltd

ESPRIT-4S4 Datasheet(HTML) 3 Page - rfsolutions.ltd

  ESPRIT-4S4 Datasheet HTML 1Page - rfsolutions.ltd ESPRIT-4S4 Datasheet HTML 2Page - rfsolutions.ltd ESPRIT-4S4 Datasheet HTML 3Page - rfsolutions.ltd ESPRIT-4S4 Datasheet HTML 4Page - rfsolutions.ltd ESPRIT-4S4 Datasheet HTML 5Page - rfsolutions.ltd ESPRIT-4S4 Datasheet HTML 6Page - rfsolutions.ltd ESPRIT-4S4 Datasheet HTML 7Page - rfsolutions.ltd ESPRIT-4S4 Datasheet HTML 8Page - rfsolutions.ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
RELAY 1
RELAY 2
RELAY 3
RELAY 4
FUSE
POWER
TIMER
Timer Select Button – Used to select timer mode
Erase Button – Press and hold to erase all pairings, see
advanced operation for individual erase
Signal Test mode – Press to enter signal test mode
Sync/Pair Button – Press once to auto pair. See
Advanced operation for other pairing options.
Momentary/Latching selection – Make the link to select momentary
operation break the link for latching operation. (Default is latching)
110Vac power
input
Power input fuse – must be 500mA
(Fast blow fuse recommended)
Relay switch terminals:
RELAY 1
RELAY 2
RELAY 3
RELAY 4
SYNC
TEST
ERASE
Output Fuses must be 8A
(Slow blow fuses recommended)
Status LEDs– Flash when
signals are sent/received
L N E
L N E
L N E
L N E
L N E
8
7
6
5
4
3
2
1
Mag sync – Touch a
magnet to the plastic
case in the cross
hatched area to
replicate the sync
button on board
without opening the
case



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com