Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2018-09-SMH-RPLF Datasheet(PDF) 3 Page - Bourns Electronic Solutions

Part # 2018-09-SMH-RPLF
Description  Gas Discharge Tube Surge Arrestor with FLAT Technology
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

2018-09-SMH-RPLF Datasheet(HTML) 3 Page - Bourns Electronic Solutions

  2018-09-SMH-RPLF Datasheet HTML 1Page - Bourns Electronic Solutions 2018-09-SMH-RPLF Datasheet HTML 2Page - Bourns Electronic Solutions 2018-09-SMH-RPLF Datasheet HTML 3Page - Bourns Electronic Solutions 2018-09-SMH-RPLF Datasheet HTML 4Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
REV. 06/18
Specifications are subject to change without notice.
Users should verify actual device performance in their specific applications.
The products described herein and this document are subject to specific legal disclaimers as set forth on the last page of this document, and at www.bourns.com/docs/legal/disclaimer.pdf.
2018SeriesGasDischargeTubeSurgeArrestorwithFLAT®Technology
The standard tape and reel packaging
contains 1,500 pieces per 13-inch reel.
Packaging Specifications
DIMENSIONS:
MM
(INCHES)
C
2.00 ± 0.10
(.079 ± .004)
4.00 ± 0.10
(.157 ± .004)
24.00 ± 0.30
(.945 ± .012)
11.50 ± 0.10
(.453 ± .004)
2.42 ± 0.10
(.095 ± .004)
1.71 ± 0.10
(.067 ± .004)
5.72 +0.10/-0.00
(.225 +.004/-.000)
3.90 ± 0.10
(.153 ± .004)
12.00 ± 0.10
(.472 ± .004)
1.50 +0.10/-0.05
(.059 +.004/-.002)
DIA.
1.75 +0.10/-0.00
(.069 +.004/-.000)
12.63 ± 0.10
(.497 ± .004)
0.40 ± 0.10
(.016 ± .004)
3.90 +0.20/-0.05
(.154 +.008/-.002)
3.75 +0.25/-0.00
(.148 +.010/-.000)
3.18 +0.10/-0.05
(.125 +.004/-.002)
93 °±2 °
8.30 ± 0.05
(.327 ± .002)
DIA.
11.44 ± 0.10
(.451 ± .004)
1.50 ± 0.10
(.059 ± .004)
DIA.
85.0 ± 2.0
(3.346 ± .079)
356.0 ± 2.0
(14.016 ± .079)
DIA.
14.0 +1.0/-0.0
(.551 +.039/-.00)
DIA.
6.2 ± 1.0
(.244 ± .039)
90.0 ± 2.0
(3.543 ± .079)
90.0 ± 2.0
(3.543 ± .079)
10.0 ± 1.0
(.394 ± .039)
SPACING
105.0
(4.134)
A
A
B
B
C
C
SECTION A-A
SECTION B-B
SECTION C-C
12.0 ± 0.1
(.472 ± .004)
12.0 ± 0.1
(.472 ± .004)
2.0 ± 0.1
(.079 ± .004)
4.0 ± 0.1
(.157 ± .004)
1.75
(.069)
0.50 ± 0.05
(.020 ± .002)
8.5 +0.15/-0.05
(.335 +.006/-.002)
9.3 ± 0.1
(.366 ± .004)
9.1 +0.2/-0.0
(.358 +.008/-.000)
7.50
(.295)
16.0
(.630)
8.2 +0.2/-0.0
(.323 +.008/-.000)
330
(12.992)
2.2 ± 0.5
(.087 ± .020)
13.0 ± 0.2
(.512 ± .008)
100 ± 1.0
(3.937 ± .039)
24.0
(.945)
20.2 ± 1.0
(.795 ± .039)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com