Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAINSLINK Datasheet(PDF) 4 Page - rfsolutions.ltd

Part # MAINSLINK
Description  MAINSLINK
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFSOLUTIONS [rfsolutions.ltd]
Direct Link  http://www.rfsolutions.co.uk
Logo RFSOLUTIONS - rfsolutions.ltd

MAINSLINK Datasheet(HTML) 4 Page - rfsolutions.ltd

  MAINSLINK Datasheet HTML 1Page - rfsolutions.ltd MAINSLINK Datasheet HTML 2Page - rfsolutions.ltd MAINSLINK Datasheet HTML 3Page - rfsolutions.ltd MAINSLINK Datasheet HTML 4Page - rfsolutions.ltd MAINSLINK Datasheet HTML 5Page - rfsolutions.ltd MAINSLINK Datasheet HTML 6Page - rfsolutions.ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
MAINSLINK
Patent Pending
To pair the MAINSLINK–RX it must have a
230Vac supply connected.
1. Briefly place a magnet on the receiver by
the MAINSLINK-RX as shown in FIG1.3.
This will put the system in learn mode.
FIG 1.3
FIG 1.4
Pairing a Receiver
NOTE: MAINSLINK Systems are supplied pre-paired. This process is described for advanced
use only.
Erasing a Receiver
2. When the receiver is in learn mode you
will need to pair the transmitter within 10
seconds. To do this you must apply the
230Vac supply to the transmitter for 2 sec-
onds and then turn it off.
3. Allow 15 seconds for the receiver to return
to normal operation.
To erase all transmitters from the
MAINSLINK-RX hold a magnet beside the
learn switch for 10 seconds as shown in FIG
1.4.
NOTE: You cannot erase individual
MAINSLINK-TX units.
230Vac



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com