Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FT27C010 Datasheet(PDF) 8 Page - Force Technologies Ltd

Part # FT27C010
Description  1-Megabit (128K x 8) UVEPROM
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORCE [Force Technologies Ltd]
Direct Link   https://www.forcetechnologies.co.uk
Logo FORCE - Force Technologies Ltd

FT27C010 Datasheet(HTML) 8 Page - Force Technologies Ltd

Back Button FT27C010 Datasheet HTML 3Page - Force Technologies Ltd FT27C010 Datasheet HTML 4Page - Force Technologies Ltd FT27C010 Datasheet HTML 5Page - Force Technologies Ltd FT27C010 Datasheet HTML 6Page - Force Technologies Ltd FT27C010 Datasheet HTML 7Page - Force Technologies Ltd FT27C010 Datasheet HTML 8Page - Force Technologies Ltd FT27C010 Datasheet HTML 9Page - Force Technologies Ltd FT27C010 Datasheet HTML 10Page - Force Technologies Ltd FT27C010 Datasheet HTML 11Page - Force Technologies Ltd  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
FT27C010(L)
Rapid Programming Algorithm
A 100 µs PGM pulse width is used to pr ogram. The
address is set to the first location. VCC is raised to 6.5V and
VPP is raised to 13.0V. Each address is first programmed
with one 100 µs PGM pulse without verification. Then a
verification / reprogramming loop is executed for each
address. In the event a byte fails to pass verification, up to
10 successive 100 µs pulses are applied with a verification
after each pulse. If the byte fails to verify after 10 pulses
have been applied, the part is considered failed. After the
byte verifies properly, the next address is selected until all
have been checked. VPP is then lowered to 5.0V and VCC to
5.0V. All bytes are read again and compared with the origi-
nal data to determine if the device passes or fails.
2006
8/11
Rev 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com