Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FT29F040B Datasheet(PDF) 1 Page - Force Technologies Ltd

Part # FT29F040B
Description  4 Megabit (512 K x 8-Bit) CMOS 5.0 Volt-only, Uniform Sector Flash Memory
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORCE [Force Technologies Ltd]
Direct Link   https://www.forcetechnologies.co.uk
Logo FORCE - Force Technologies Ltd

FT29F040B Datasheet(HTML) 1 Page - Force Technologies Ltd

  FT29F040B Datasheet HTML 1Page - Force Technologies Ltd FT29F040B Datasheet HTML 2Page - Force Technologies Ltd FT29F040B Datasheet HTML 3Page - Force Technologies Ltd FT29F040B Datasheet HTML 4Page - Force Technologies Ltd FT29F040B Datasheet HTML 5Page - Force Technologies Ltd FT29F040B Datasheet HTML 6Page - Force Technologies Ltd FT29F040B Datasheet HTML 7Page - Force Technologies Ltd FT29F040B Datasheet HTML 8Page - Force Technologies Ltd FT29F040B Datasheet HTML 9Page - Force Technologies Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 36 page
background image
FT29F040B
4 Megabit (512 K x 8-Bit)
CMOS 5.0 Volt-only, Uniform Sector Flash Memory
DISTINCTIVE CHARACTERISTICS
■ 5.0 V ± 10% for read and write operations
—
Minimi
ses system level power requirements
■ Manufactured on 0.32 µm process technology
— Compatible with 0.5 µm
FT29F040 device
■ High performance
— Access times as fast as 55 ns
■ Low power consumption
— 20 mA typical active read current
— 30 mA typical program/erase current
— 1 µA typical standby current (standard access
time to active mode)
■ Flexible sector architecture
— 8 uniform sectors of 64 Kbytes each
— Any combination of sectors can be erased
— Supports full chip erase
— Sector protection:
A hardware method of locking sectors to prevent
any program or erase operations within that sector
■ Embedded Algorithms
— Embedded Erase algorithm automatically
preprograms and erases the entire chip or any
combination of designated sectors
— Embedded Program algorithm automatically
writes and verifies bytes at specified addresses
■ Minimum 1,000,000 program/erase cycles per
sector guaranteed
■ 20-year data retention at 125°C
— Reliable operation for the life of the system
■ Package options
— 32-pin PLCC, TSOP, or PDIP
■ Compatible with JEDEC standards
— Pinout and software compatible with
single-power-supply Flash standard
— Superior inadvertent write protection
■ Data# Polling and toggle bits
— Provides a software method of detecting
program or erase cycle completion
■ Erase Suspend/Erase Resume
— Suspends a sector erase operation to read data
from, or program data to, a non-erasing sector,
then resumes the erase operation
Rev 2
Page 1 of 36


Similar Part No. - FT29F040B

ManufacturerPart #DatasheetDescription
logo
Force Technologies Ltd
FT29F010A FORCE-FT29F010A Datasheet
2Mb / 30P
1 Megabit (128 K x 8-bit) Uniform Sector Flash Memory CMOS 5.0 Volt-only
FT29F010B FORCE-FT29F010B Datasheet
2Mb / 30P
1 Megabit (128 K x 8-bit) Uniform Sector Flash Memory CMOS 5.0 Volt-only
FT29F010B120D-S-S FORCE-FT29F010B120D-S-S Datasheet
2Mb / 30P
1 Megabit (128 K x 8-bit) Uniform Sector Flash Memory CMOS 5.0 Volt-only
FT29F010B120DC-S FORCE-FT29F010B120DC-S Datasheet
2Mb / 30P
1 Megabit (128 K x 8-bit) Uniform Sector Flash Memory CMOS 5.0 Volt-only
FT29F010B120DI-S FORCE-FT29F010B120DI-S Datasheet
2Mb / 30P
1 Megabit (128 K x 8-bit) Uniform Sector Flash Memory CMOS 5.0 Volt-only
More results

Similar Description - FT29F040B

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
AM29F010 AMD-AM29F010 Datasheet
370Kb / 31P
1 Megabit (128 K x 8-bit) CMOS 5.0 Volt-only, Uniform Sector Flash Memory
AM29F040B-1 AMD-AM29F040B-1 Datasheet
790Kb / 35P
4 Megabit (512 K x 8-Bit) CMOS 5.0 Volt-only, Uniform Sector Flash Memory
AM29F040B AMD-AM29F040B Datasheet
394Kb / 30P
4 Megabit (512 K x 8-Bit) CMOS 5.0 Volt-only, Uniform Sector Flash Memory
logo
SPANSION
AM29F010B SPANSION-AM29F010B Datasheet
849Kb / 35P
1 Megabit (128 K x 8-bit) CMOS 5.0 Volt-only, Uniform Sector Flash Memory
logo
Advanced Micro Devices
AM29F010A AMD-AM29F010A Datasheet
389Kb / 31P
1 Megabit (128 K x 8-bit) CMOS 5.0 Volt-only, Uniform Sector Flash Memory
AM29F004B AMD-AM29F004B Datasheet
993Kb / 37P
4 Megabit (512 K x 8-Bit) CMOS 5.0 Volt-only Boot Sector Flash Memory
AM29F040B AMD-AM29F040B_06 Datasheet
981Kb / 36P
4 Megabit (512 K x 8-Bit) CMOS 5.0 Volt-only, Uniform Sector Flash Memory
logo
SPANSION
AM29F004B SPANSION-AM29F004B_06 Datasheet
944Kb / 37P
4 Megabit (512 K x 8-Bit) CMOS 5.0 Volt-only Boot Sector Flash Memory
AM29F010B SPANSION-AM29F010B_06 Datasheet
951Kb / 33P
1 Megabit (128 K x 8-bit) CMOS 5.0 Volt-only, Uniform Sector Flash Memory
AM29F040B-09 SPANSION-AM29F040B-09 Datasheet
918Kb / 36P
4 Megabit (512 K x 8-Bit) CMOS 5.0 Volt-only, Uniform Sector Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com