Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FT29F200CT Datasheet(PDF) 2 Page - Force Technologies Ltd

Part # FT29F200CT
Description  2M-BIT [256K x 8 / 128K x 16] SINGLE VOLTAGE 5V ONLY FLASH MEMORY
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORCE [Force Technologies Ltd]
Direct Link   https://www.forcetechnologies.co.uk
Logo FORCE - Force Technologies Ltd

FT29F200CT Datasheet(HTML) 2 Page - Force Technologies Ltd

  FT29F200CT Datasheet HTML 1Page - Force Technologies Ltd FT29F200CT Datasheet HTML 2Page - Force Technologies Ltd FT29F200CT Datasheet HTML 3Page - Force Technologies Ltd FT29F200CT Datasheet HTML 4Page - Force Technologies Ltd FT29F200CT Datasheet HTML 5Page - Force Technologies Ltd FT29F200CT Datasheet HTML 6Page - Force Technologies Ltd FT29F200CT Datasheet HTML 7Page - Force Technologies Ltd FT29F200CT Datasheet HTML 8Page - Force Technologies Ltd FT29F200CT Datasheet HTML 9Page - Force Technologies Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 49 page
background image
FT29F200C T/B
Contents
FEATURES .................................................................................................................................................................. 1
1
1
1
1
PIN CONFIGURATIONS .............................................................................................................................................. 5
PIN DESCRIPTION ...................................................................................................................................................... 6
BLOCK DIAGRAM....................................................................................................................................................... 7
Table 1. SECTOR STRUCTURE ................................................................................................................................. 8
FT
.
FT
.
11
11
11
11
FT2
.
ABSOLUTE MAXIMUM STRESS RATINGS............................................................................................................. 18
OPERATING TEMPERATURE AND VOLTAGE........................................................................................................ 18
DC CHARACTERISTICS
SWITCHING TEST CIRCUITS................................................................................................................................... 20
Rev. 1
2 of 49
April 2014



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com