Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SC6033 Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # 2SC6033
Description  TOSHIBA Transistor Silicon NPN Epitaxial Type
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SC6033 Datasheet(HTML) 1 Page - Toshiba Semiconductor

  2SC6033 Datasheet HTML 1Page - Toshiba Semiconductor 2SC6033 Datasheet HTML 2Page - Toshiba Semiconductor 2SC6033 Datasheet HTML 3Page - Toshiba Semiconductor 2SC6033 Datasheet HTML 4Page - Toshiba Semiconductor 2SC6033 Datasheet HTML 5Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
2SC6033
2004-07-01
1
TOSHIBA Transistor Silicon NPN Epitaxial Type
2SC6033
High-Speed Swtching Applications
DC-DC Converter Applications
Storobe Flash Applications
• High DC current gain: hFE = 250 to 400 (IC = 0.3 A)
• Low collector-emitter saturation: VCE (sat) = 0.18 V (max)
• High-speed switching: tf = 38 ns (typ.)
Maximum Ratings (Ta = 25°C)
Characteristics
Symbol
Rating
Unit
Collector-base voltage
VCBO
100
V
VCEX
80
V
Collector-emitter voltage
VCEO
50
V
Emitter-base voltage
VEBO
6
V
DC
IC
2.5
Collector current
Pulse
ICP
5
A
Base current
IB
0.3
A
t = 10s
1.00
Collector power
dissipation
DC
Pc (Note 1)
0.625
W
Junction temperature
Tj
150
°C
Storage temperature range
Tstg
−55 to 150
°C
Note 1: Mounted on an FR4 board (glass epoxy, 1.6mm thick, Cu area: 64.5 mm
2)
-
-
-
TSM
1.6-0.1
2.8-0.3
3
2
1
+0.2
+0.2
1. Base
2. Emitter
3. Collector
Unit : mm
Weight: 0.01g (Typ.)
2-3S1A
JEDEC
JEITA
TOSHIBA


Similar Part No. - 2SC6033

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SC6033 TOSHIBA-2SC6033 Datasheet
212Kb / 5P
Silicon NPN Epitaxial Type
2SC6033 TOSHIBA-2SC6033 Datasheet
1Mb / 73P
Bipolar Small-Signal Transistors
2SC6033 TOSHIBA-2SC6033_06 Datasheet
212Kb / 5P
Silicon NPN Epitaxial Type
More results

Similar Description - 2SC6033

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SC5703 TOSHIBA-2SC5703 Datasheet
166Kb / 5P
TOSHIBA Transistor Silicon NPN Epitaxial Type
2SC5713 TOSHIBA-2SC5713 Datasheet
159Kb / 5P
TOSHIBA Transistor Silicon NPN Epitaxial Type
2SC5784 TOSHIBA-2SC5784 Datasheet
178Kb / 5P
TOSHIBA Transistor Silicon NPN Epitaxial Type
2SC5785 TOSHIBA-2SC5785 Datasheet
182Kb / 5P
TOSHIBA Transistor Silicon NPN Epitaxial Type
2SC5714 TOSHIBA-2SC5714 Datasheet
112Kb / 5P
TOSHIBA Transistor Silicon NPN Epitaxial Type
17-Dec-2001
2SC5174 TOSHIBA-2SC5174 Datasheet
172Kb / 3P
TOSHIBA TRANSISTOR SILICON NPN EPITAXIAL TYPE
TPCP8504 TOSHIBA-TPCP8504 Datasheet
224Kb / 5P
TOSHIBA Transistor Silicon NPN Epitaxial Type
TPCP8701 TOSHIBA-TPCP8701 Datasheet
217Kb / 5P
TOSHIBA Transistor Silicon NPN Epitaxial Type
TTC009 TOSHIBA-TTC009 Datasheet
178Kb / 5P
TOSHIBA Transistor Silicon NPN Epitaxial Type
TMBT3904 TOSHIBA-TMBT3904 Datasheet
243Kb / 5P
TOSHIBA Transistor Silicon NPN Epitaxial Type
2018-05-17
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com