Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74VCXH162245 Datasheet(PDF) 6 Page - STMicroelectronics

Part # 74VCXH162245
Description  LOW VOLTAGE CMOS 16-BIT BUS TRANSCEIVER (3-STATE) WITH 3.6V TOLERANT INPUTS AND OUTPUTS
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74VCXH162245 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button 74VCXH162245 Datasheet HTML 2Page - STMicroelectronics 74VCXH162245 Datasheet HTML 3Page - STMicroelectronics 74VCXH162245 Datasheet HTML 4Page - STMicroelectronics 74VCXH162245 Datasheet HTML 5Page - STMicroelectronics 74VCXH162245 Datasheet HTML 6Page - STMicroelectronics 74VCXH162245 Datasheet HTML 7Page - STMicroelectronics 74VCXH162245 Datasheet HTML 8Page - STMicroelectronics 74VCXH162245 Datasheet HTML 9Page - STMicroelectronics 74VCXH162245 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
74VCXH162245
6/11
DYNAMIC SWITCHING CHARACTERISTICS (Ta = 25°C, Input tr =tf = 2.0ns, CL = 30pF, RL = 500Ω)
1) Number of outputs defined as "n". Measured with "n-1" outputs switching from HIGH to LOW or LOW to HIGH. The remaining output is
measured in the LOW state.
2) Number of outputs defined as "n". Measured with "n-1" outputs switching from HIGH to LOW or LOW to HIGH. The remaining output is
measured in the HIGH state.
3) Parameters guaranteed by design.
AC ELECTRICAL CHARACTERISTICS (CL = 30pF, RL =500Ω, Input tr =tf = 2.0ns)
1) Skew is defined as the absolute value of the difference between the actual propagation delay for any two outputs of the same device switch-
ing in the same direction, either HIGH or LOW (tOSLH =|tPLHm -tPLHn|, tOSHL =|tPHLm -tPHLn|)
2) Parameter guaranteed by design
Symbol
Parameter
Test Condition
Value
Unit
VCC
(V)
TA =25°C
Min.
Typ.
Max.
VOLP
Dynamic Peak Low Voltage
Quiet Output (note 1, 3)
(A to B)
2.5
VIL =0V
VIH =VCC
0.6
V
3.3
0.8
VOLP
Dynamic Peak Low Voltage
Quiet Output (note 1, 3)
(B to A)
2.5
VIL =0V
VIH =VCC
0.25
V
3.3
0.35
VOLV
Dynamic Valley Low Voltage
Quiet Output (note 1, 3)
(A to B)
2.5
VIL =0V
VIH =VCC
-0.6
V
3.3
-0.8
VOLV
Dynamic Valley Low Voltage
Quiet Output (note 1, 3)
(B to A)
2.5
VIL =0V
VIH =VCC
-0.25
V
3.3
-0.35
VOHV
Dynamic Valley High Voltage
Quiet Output (note 2, 3)
(A to B)
2.5
VIL =0V
VIH =VCC
1.9
V
3.3
2.2
VOHV
Dynamic Valley High Voltage
Quiet Output (note 2, 3)
(B to A)
2.5
VIL =0V
VIH =VCC
2.05
V
3.3
2.65
Symbol
Parameter
Test Condition
Value
Unit
VCC
(V)
-40 to 85 °C
-55 to 125 °C
Min.
Max.
Min.
Max.
tPLH tPHL
Propagation Delay
Time (A to B)
2.3 to 2.7
1.0
3.2
1.0
3.7
ns
3.0 to 3.6
0.8
2.5
0.8
3.0
tPLH tPHL
Propagation Delay
Time (B to A)
2.3 to 2.7
1.0
4.3
1.0
4.9
ns
3.0 to 3.6
0.8
3.4
0.8
4.0
tPZL tPZH
Output Enable Time
(A to B)
2.3 to 2.7
1.0
4.9
1.0
5.8
ns
3.0 to 3.6
0.8
3.8
0.8
4.3
tPZL tPZH
Output Enable Time
(B to A)
2.3 to 2.7
1.0
5.7
1.0
6.8
ns
3.0 to 3.6
0.8
4.2
0.8
4.8
tPLZ tPHZ
Output Disable Time
(A to B)
2.3 to 2.7
1.0
4.2
1.0
4.8
ns
3.0 to 3.6
0.8
3.7
0.8
4.2
tPLZ tPHZ
Output Disable Time
(B to A)
2.3 to 2.7
1.0
4.8
1.0
5.7
ns
3.0 to 3.6
0.8
4.1
0.8
4.7
tOSLH tOSHL Output To Output
Skew Time (note1, 2)
2.3 to 2.7
0.5
0.5
ns
3.0 to 3.6
0.5
0.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com