Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISO7720FDWVR Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # ISO7720FDWVR
Description  High-Speed, Robust EMC Reinforced Dual-Channel Digital Isolators
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ISO7720FDWVR Datasheet(HTML) 7 Page - Texas Instruments

Back Button ISO7720FDWVR Datasheet HTML 3Page - Texas Instruments ISO7720FDWVR Datasheet HTML 4Page - Texas Instruments ISO7720FDWVR Datasheet HTML 5Page - Texas Instruments ISO7720FDWVR Datasheet HTML 6Page - Texas Instruments ISO7720FDWVR Datasheet HTML 7Page - Texas Instruments ISO7720FDWVR Datasheet HTML 8Page - Texas Instruments ISO7720FDWVR Datasheet HTML 9Page - Texas Instruments ISO7720FDWVR Datasheet HTML 10Page - Texas Instruments ISO7720FDWVR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 42 page
background image
7
ISO7720, ISO7721
www.ti.com
SLLSEP3C – NOVEMBER 2016 – REVISED JULY 2018
Product Folder Links: ISO7720 ISO7721
Submit Documentation Feedback
Copyright © 2016–2018, Texas Instruments Incorporated
(1)
Creepage and clearance requirements should be applied according to the specific equipment isolation standards of an application. Care
should be taken to maintain the creepage and clearance distance of a board design to ensure that the mounting pads of the isolator on
the printed-circuit board do not reduce this distance. Creepage and clearance on a printed-circuit board become equal in certain cases.
Techniques such as inserting grooves and/or ribs on a printed circuit board are used to help increase these specifications.
(2)
This coupler is suitable for safe electrical insulation only within the safety ratings. Compliance with the safety ratings shall be ensured by
means of suitable protective circuits.
(3)
Testing is carried out in air or oil to determine the intrinsic surge immunity of the isolation barrier.
(4)
Apparent charge is electrical discharge caused by a partial discharge (pd).
(5)
All pins on each side of the barrier tied together creating a two-terminal device.
6.6 Insulation Specifications
PARAMETER
TEST CONDITIONS
VALUE
UNIT
DW
DWV
D
CLR
External clearance (1)
Shortest terminal-to-terminal distance through air
8
8.5
4
mm
CPG
External creepage (1)
Shortest terminal-to-terminal distance across the
package surface
8
8.5
4
mm
DTI
Distance through the insulation
Minimum internal gap (internal clearance)
21
21
21
μm
CTI
Comparative tracking index
DIN EN 60112 (VDE 0303-11); IEC 60112; UL
746A
>600
>600
>600
V
Material group
According to IEC 60664-1
I
I
I
Overvoltage category per IEC
60664-1
Rated mains voltage
≤ 150 VRMS
I–IV
I–IV
I–IV
Rated mains voltage
≤ 300 VRMS
I–IV
I–IV
I–III
Rated mains voltage
≤ 600 VRMS
I–IV
I–IV
n/a
Rated mains voltage
≤ 1000 VRMS
I–III
I–III
n/a
DIN V VDE V 0884-11:2017-01(2)
VIORM
Maximum repetitive peak
isolation voltage
AC voltage (bipolar)
1414
1414
637
VPK
VIOWM
Maximum working isolation
voltage
AC voltage; Time dependent dielectric breakdown
(TDDB) test
1000
1000
450
VRMS
DC voltage
1414
1414
637
VDC
VIOTM
Maximum transient isolation
voltage
VTEST = VIOTM, t = 60 s (qualification);
t = 1 s (100% production)
8000
7071
4242
VPK
VIOSM
Maximum surge isolation
voltage(3)
Test method per IEC 60065, 1.2/50 µs waveform,
VTEST = 1.6 × VIOSM (qualification)
8000
8000
5000
VPK
qpd
Apparent charge(4)
Method a, After Input/Output safety test subgroup
2/3, Vini = VIOTM, tini = 60 s; Vpd(m) = 1.2 × VIORM,
tm = 10 s
≤5
≤5
≤5
pC
Method a, After environmental tests subgroup 1,
Vini = VIOTM, tini = 60 s; Vpd(m) = 1.6 × VIORM, tm =
10 s
≤5
≤5
≤5
Method b1; At routine test (100% production) and
preconditioning (type test), Vini = VIOTM, tini = 1 s;
Vpd(m) = 1.875 × VIORM, tm = 1 s
≤5
≤5
≤5
CIO
Barrier capacitance, input to
output(5)
VIO = 0.4 × sin (2πft), f = 1 MHz
~0.5
~0.5
~0.5
pF
RIO
Isolation resistance(5)
VIO = 500 V, TA = 25°C
>1012
>1012
>1012
Ω
VIO = 500 V, 100°C ≤ TA ≤ 125°C
>1011
>1011
>1011
VIO = 500 V at TS = 150°C
>109
>109
>109
Pollution degree
2
2
2
Climatic category
55/125/21
55/125/21
55/125/21
UL 1577
VISO
Withstanding isolation voltage
VTEST = VISO, t = 60 s(qualification);
VTEST = 1.2 × VISO, t = 1 s (100% production)
5000
5000
3000
VRMS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com